Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD4H60DF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD4H60DF
Description  Trench gate field-stop 600 V, 4 A high speed H series IGBT in a DPAK package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4H60DF Datasheet(HTML) 3 Page - STMicroelectronics

  STGD4H60DF Datasheet HTML 1Page - STMicroelectronics STGD4H60DF Datasheet HTML 2Page - STMicroelectronics STGD4H60DF Datasheet HTML 3Page - STMicroelectronics STGD4H60DF Datasheet HTML 4Page - STMicroelectronics STGD4H60DF Datasheet HTML 5Page - STMicroelectronics STGD4H60DF Datasheet HTML 6Page - STMicroelectronics STGD4H60DF Datasheet HTML 7Page - STMicroelectronics STGD4H60DF Datasheet HTML 8Page - STMicroelectronics STGD4H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 3. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
VGE = 0 V, IC = 2 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC= 1 A
1.1
V
VGE = 15 V, IC= 3 A
1.5
1.95
VGE = 15 V, IC = 3 A, TJ = 125 °C
1.6
VGE = 15 V, IC = 3 A, TJ = 175 °C
1.7
VGE = 15 V, IC = 4 A
1.6
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 μA
5
6
7
V
ICES
Collector cut-off current
VCE = 600 V , VGE = 0 V
25
μA
IGES
Gate-emitter leakage current
VGE = ±20 V , VCE = 0 V
±250
nA
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz, VGE = 0 V
-
461
-
pF
Coes
Output capacitance
20
Cres
Reverse transfer capacitance
9
Qg
Total gate charge
VCC = 480 V, IC = 3 A, VGE = 0 to 15 V
(see Figure 27. Gate charge test circuit)
-
35
-
nC
Qge
Gate-emitter charge
6
Qgc
Gate-collector charge
17
Table 5. Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 3 A,
RG = 47 Ω, VGE = 15 V
(see Figure 26. Test circuit for inductive
load switching and Figure 28. Switching
waveform)
-
35
-
ns
tr
Current rise time
25
td(off)
Turn-off delay time
121
tf
Current fall time
111
td(on)
Turn-on delay time
VCE = 400 V, IC = 3 A,
RG = 47 Ω, VGE = 15 V, TJ = 175 °C
(see Figure 26. Test circuit for inductive
load switching and Figure 28. Switching
waveform)
-
22
-
ns
tr
Current rise time
30
td(off)
Turn-off delay time
170
tf
Current fall time
180
tsc
Short-circuit withstand time
VCC ≤ 360 V, VGE = 15 V, RG = 47 Ω
3
-
-
μs
STGD4H60DF
Electrical characteristics
DS13901 - Rev 2
page 3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com