Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1550ACCZ-R2 Datasheet (PDF) - Analog Devices

ADMV1550ACCZ-R2 Datasheet PDF - Analog Devices
Part # ADMV1550ACCZ-R2
Download  ADMV1550ACCZ-R2 Download
File Size   3667.98 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer

ADMV1550ACCZ-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV1550ACCZ-R2 Datasheet PDF - Analog Devices

Part # ADMV1550ACCZ-R2
Download  ADMV1550ACCZ-R2 Click to download

File Size   3667.98 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer

ADMV1550ACCZ-R2 Datasheet (HTML) - Analog Devices


ADMV1550ACCZ-R2 Product details

GENERAL DESCRIPTION
The ADMV1550 is a general-purpose, double balanced mixer in a
leadless, RoHS compliant, surface-mount technology (SMT) package
that can be used as an upconverter or downconverter between
15 GHz and 65 GHz. The wide bandwidth from DC to 20 GHz
on the intermediate frequency (IF) port allows flexible frequency
planning to avoid spurious products. This mixer is fabricated in a
gallium arsenide (GaAs), monolithic microwave integrated circuit
(MMIC) process and requires no external components or matching
circuitry. The ADMV1550 provides excellent local oscillator (LO) to
RF and LO to IF suppression due to optimized balun structures.
The mixer operates with a typical LO amplitude 15 dBm. The
RoHS-compliant ADMV1550 eliminates the need for wire bonding,
allowing the use of surface-mount manufacturing techniques. The
ADMV1550 is available in a compact 4 mm × 4 mm, 18-terminal
land grid array (LGA) package and operates over −40°C to +85°C
temperature range.

FEATURES
► Conversion loss: 8 dB typical at 15 GHz to 50 GHz
► Input IP3 (downconverter): 20 dBm typical at 15 GHz to 50 GHz
► Input IP2 (downconverter): 40 dBm typical at 15 GHz to 50 GHz
► Input P1dB (upconverter): 11 dBm typical
► LO to RF isolation: 35 dB typical
► LO to IF isolation: 35 dB typical
► RF to IF isolation: 45 dB typical at 15 GHz to 50 GHz
► 18-terminal, RoHS compliant, 4 mm × 4 mm LGA package

APPLICATIONS
► Microwave and very small aperture terminal (VSAT) radios
► Test equipment
► Military electronic warfare (EW)
► Electronic countermeasure (ECM)
► Command, control, communications, and intelligence




Similar Part No. - ADMV1550ACCZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1555 AD-ADMV1555 Datasheet
3Mb / 41P
18 GHz to 55 GHz, GaAs, MMIC, Wideband I/Q Mixer
Rev. 0
ADMV1555ACCZ AD-ADMV1555ACCZ Datasheet
3Mb / 41P
18 GHz to 55 GHz, GaAs, MMIC, Wideband I/Q Mixer
Rev. 0
ADMV1555ACCZ-RL7 AD-ADMV1555ACCZ-RL7 Datasheet
3Mb / 41P
18 GHz to 55 GHz, GaAs, MMIC, Wideband I/Q Mixer
Rev. 0
More results


Similar Description - ADMV1550ACCZ-R2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
Hittite Microwave Corpo...
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC142C8 HITTITE-HMC142C8_08 Datasheet
263Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC213BMS8E AD-HMC213BMS8E Datasheet
316Kb / 21P
1.5 GHz to 4.5 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com