Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1550ACCZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV1550ACCZ-R2
Description  15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1550ACCZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADMV1550ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Data Sheet
ADMV1550
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 34
TA = 25°C, IF = 1 GHz, and LO = 15 dBm, with the upper sideband selected, unless otherwise noted. For frequencies greater than 62 GHz,
the response is limited by the amplifier used for measurements due to the inability to drive LO power at high frequencies (see the Typical
Performance Characteristics section).
Table 1. Specifications,15 GHz to 50 GHz Performance
Parameter
Symbol
Min
Typ
Max
Unit
FREQUENCY RANGE
RF Pin
15
50
GHz
IF Pin
DC
20
GHz
LO Pin
15
50
GHz
LO AMPLITUDE
13
15
17
dBm
RF PERFORMANCE
Downconverter
Conversion Loss
8
dB
Single Sideband Noise Figure
7
dB
Input Third-Order Intercept
IP3
20
dBm
Input 1 dB Compression Point
P1dB
10
dBm
Input Second-Order Intercept
IP2
40
dBm
Upconverter
Conversion Loss
8
11
dB
Input Third-Order Intercept
IP3
18
dBm
Input 1 dB Compression Point
P1dB
11
dBm
ISOLATION
LO to IF
35
dB
RF to IF
45
dB
LO to RF
35
dB
Table 2. Specifications, 50 GHz to 65 GHz Performance
Parameter
Symbol
Min
Typ
Max
Unit
FREQUENCY RANGE
RF Pin
50
65
GHz
IF Pin
DC
20
GHz
LO Pin
50
65
GHz
LO AMPLITUDE
13
15
17
dBm
RF PERFORMANCE
Downconverter
Conversion Loss
10
13
dB
Single Sideband Noise Figure
10
dB
Input Third-Order Intercept
IP3
15
dBm
Input 1 dB Compression Point
P1dB
10
dBm
Input Second-Order Intercept
IP2
35
dBm
Upconverter
Conversion Loss
10
13
dB
Input Third-Order Intercept
IP3
15
dBm
Input 1 dB Compression Point
P1dB
11
dBm
ISOLATION
LO to IF
35
dB
RF to IF
40
dB
LO to RF
35
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com