Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1550ACCZ-R2 Datasheet(PDF) 33 Page - Analog Devices

Part # ADMV1550ACCZ-R2
Description  15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1550ACCZ-R2 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADMV1550ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 33Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Data Sheet
ADMV1550
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 33 of 34
TYPICAL APPLICATION CIRCUIT
Figure 121 shows the typical application circuit for the ADMV1550.
The ADMV1550 is a passive device that does not require any exter-
nal components. The LO and RF pins are internally AC-coupled.
The IF pin is internally DC‑coupled. For applications not requiring
operation to DC, DC block this port externally using a series
capacitor of a value chosen to pass the necessary IF frequency
range. When IF operation to DC is required, do not exceed the IF
source and sink current ratings specified in the Absolute Maximum
Ratings section.
Figure 121. Typical Application Circuit
EVALUATION PCB INFORMATION
The circuit board used in the application must use RF circuit
design techniques. Signal lines must have 50 Ω impedance, and
the package grounds leads and exposed pad must be connected
directly to the ground plane similarly to that shown in Figure 122.
Use a sufficient number of via holes to connect the top and bottom
ground planes. The evaluation circuit board shown in Figure 122 is
available from Analog Devices, Inc., upon request.
Figure 122. Evaluation PCB Top Layer
Table 7. Bill of Materials for the ADMV1530-EVALZ Evaluation PCB
Quantity
Reference Designator
Description
Manufacturer
Part Number
1
PCB, evaluation board
08-059771
5
J1 to J5
Connectors, 1.85 mm, 67 GHz
Southwest Microwave
1892-04-9
1
U1
Device under test (DUT)
Analog Devices
ADMV1550ACCZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com