Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1550ACCZ-R2 Datasheet(PDF) 30 Page - Analog Devices

Part # ADMV1550ACCZ-R2
Description  15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1550ACCZ-R2 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADMV1550ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 33Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Data Sheet
ADMV1550
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 30 of 34
M × N SPURIOUS OUTPUTS
Downconverter, Upper Sideband
Mixer spurious products are measured in dBc from the IF output
power level. Spur values are (M × RF) − (N × LO). N/A means not
applicable.
IF output (IFOUT) = 1 GHz, RF input (RFIN) = 21 GHz at −10 dBm,
and LO = 20 GHz at +15 dBm.
N × LO
0
1
2
3
4
M × RF
0
N/A
4
25
5
5
1
31
0
35
46
48
2
63
72
63
57
64
3
61
61
71
71
73
4
74
63
56
68
87
IFOUT = 1 GHz, RFIN = 31 GHz at −10 dBm, and LO = 30 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × RF
0
N/A
4
25
25
25
1
40
0
45
32
32
2
60
65
69
67
67
3
68
61
67
87
70
4
68
69
58
64
88
IFOUT = 1 GHz, RFIN = 41 GHz at −10 dBm, and LO = 40 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × RF
0
N/A
N/A
N/A
N/A
N/A
1
38
0
58
58
59
2
59
63
54
62
62
3
62
61
62
67
64
4
64
63
62
58
88
IFOUT = 1 GHz, RFIN = 60 GHz at −10 dBm, and LO = 60 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × RF
0
N/A
5
5
5
5
1
28
0
43
43
43
2
53
56
53
50
50
3
50
50
62
53
67
4
68
67
68
65
68
Downconverter, Lower Sideband
Mixer spurious products are measured in dBc from the IF output
power level. Spur values are (M × RF) − (N × LO). N/A means not
applicable.
IF output (IFOUT) = 1 GHz, RF input (RFIN) = 19 GHz at −10 dBm,
and LO = 20 GHz at +15 dBm.
N × LO
0
1
2
3
4
M × RF
0
N/A
5
25
25
25
1
36
0
46
33
33
2
69
66
68
67
60
3
60
66
68
82
67
4
66
68
64
70
86
IFOUT = 1 GHz, RFIN = 29 GHz at −10 dBm, and LO = 30 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × RF
0
N/A
1
4
4
4
1
28
0
55
54
53
2
53
57
48
56
53
3
55
55
66
54
63
4
62
64
63
63
69
IFOUT = 1 GHz, RFIN = 39 GHz at −10 dBm, and LO = 40 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × RF
0
N/A
N/A
N/A
N/A
N/A
1
46
0
59
56
55
2
60
62
56
62
61
3
63
61
64
64
61
4
60
57
59
63
89
IFOUT = 1 GHz, RFIN = 59 GHz at −10 dBm, and LO = 60 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × RF
0
N/A
4
4
4
4
1
28
0
55
54
53
2
53
57
48
56
53
3
55
55
66
54
63
4
62
64
63
63
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com