Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1550ACCZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV1550ACCZ-R2
Description  15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1550ACCZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADMV1550ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Data Sheet
ADMV1550
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Conversion loss: 8 dB typical at 15 GHz to 50 GHz
►
Input IP3 (downconverter): 20 dBm typical at 15 GHz to 50 GHz
►
Input IP2 (downconverter): 40 dBm typical at 15 GHz to 50 GHz
►
Input P1dB (upconverter): 11 dBm typical
►
LO to RF isolation: 35 dB typical
►
LO to IF isolation: 35 dB typical
►
RF to IF isolation: 45 dB typical at 15 GHz to 50 GHz
►
18-terminal, RoHS compliant, 4 mm × 4 mm LGA package
APPLICATIONS
►
Microwave and very small aperture terminal (VSAT) radios
►
Test equipment
►
Military electronic warfare (EW)
►
Electronic countermeasure (ECM)
►
Command, control, communications, and intelligence
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADMV1550 is a general-purpose, double balanced mixer in a
leadless, RoHS compliant, surface-mount technology (SMT) pack-
age that can be used as an upconverter or downconverter between
15 GHz and 65 GHz. The wide bandwidth from DC to 20 GHz
on the intermediate frequency (IF) port allows flexible frequency
planning to avoid spurious products. This mixer is fabricated in a
gallium arsenide (GaAs), monolithic microwave integrated circuit
(MMIC) process and requires no external components or matching
circuitry. The ADMV1550 provides excellent local oscillator (LO) to
RF and LO to IF suppression due to optimized balun structures.
The mixer operates with a typical LO amplitude 15 dBm. The
RoHS-compliant ADMV1550 eliminates the need for wire bonding,
allowing the use of surface-mount manufacturing techniques. The
ADMV1550 is available in a compact 4 mm × 4 mm, 18-terminal
land grid array (LGA) package and operates over −40°C to +85°C
temperature range.


Similar Part No. - ADMV1550ACCZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1555 AD-ADMV1555 Datasheet
3Mb / 41P
18 GHz to 55 GHz, GaAs, MMIC, Wideband I/Q Mixer
Rev. 0
ADMV1555ACCZ AD-ADMV1555ACCZ Datasheet
3Mb / 41P
18 GHz to 55 GHz, GaAs, MMIC, Wideband I/Q Mixer
Rev. 0
ADMV1555ACCZ-RL7 AD-ADMV1555ACCZ-RL7 Datasheet
3Mb / 41P
18 GHz to 55 GHz, GaAs, MMIC, Wideband I/Q Mixer
Rev. 0
More results

Similar Description - ADMV1550ACCZ-R2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
Hittite Microwave Corpo...
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC142C8 HITTITE-HMC142C8_08 Datasheet
263Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC213BMS8E AD-HMC213BMS8E Datasheet
316Kb / 21P
1.5 GHz to 4.5 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com