Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1550ACCZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADMV1550ACCZ-R2
Description  15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1550ACCZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADMV1550ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Data Sheet
ADMV1550
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 34
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Pin Configuration and Function Descriptions........ 4
Interface Schematics..........................................4
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Electrostatic Discharge (ESD) Ratings...............5
Typical Performance Characteristics..................... 6
Downconverter Performance, IF = 1 GHz.......... 6
Downconverter Performance, IF = 10 GHz...... 10
Downconverter Performance, IF = 15 GHz...... 14
Upconverter Performance, IF = 1 GHz.............18
Upconverter Performance, IF = 10 GHz...........20
Upconverter Performance, IF = 15 GHz...........22
Isolation and Return Loss.................................24
IF Bandwidth—Downconverter.........................26
IF Bandwidth—Upconverter............................. 28
M × N Spurious Outputs...................................30
Theory of Operation.............................................32
Applications Information...................................... 33
Typical Application Circuit................................ 33
Evaluation PCB Information............................. 33
Outline Dimensions............................................. 34
Ordering Guide.................................................34
Evaluation Boards............................................ 34
REVISION HISTORY
8/2023—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com