Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1550ACCZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV1550ACCZ-R2
Description  15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1550ACCZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADMV1550ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Data Sheet
ADMV1550
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 4 of 34
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 3, 5 to 12, 14 to
16, 18
GND
Ground. These GND pins must be connected to RF and dc ground. See Figure 3 for the interface schematic.
4
LO
LO Port. The LO pin is AC-coupled and matched to 50 Ω. See Figure 4 for the interface schematic.
13
RF
RF Port. The RF pin is AC-coupled and matched to 50 Ω. See Figure 5 for the interface schematic.
17
IF
IF Port. The IF pin is DC-coupled and matched to 50 Ω. For applications not requiring operation to DC, DC block this port externally
using a series capacitor of a value chosen to pass the necessary RF frequency range. For operation to DC, the IF pin must not
source or sink more than 19 mA of current. Otherwise, device malfunction or device failure may result. See Figure 6 for the interface
schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
Figure 3. GND Interface Schematic
Figure 4. LO Interface Schematic
Figure 5. RF Interface Schematic
Figure 6. IF Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com