Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1550ACCZ-R2 Datasheet(PDF) 31 Page - Analog Devices

Part # ADMV1550ACCZ-R2
Description  15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1550ACCZ-R2 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADMV1550ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 33Page - Analog Devices ADMV1550ACCZ-R2 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
ADMV1550
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 31 of 34
Upconverter, Upper Sideband
Mixer spurious products are measured in dBc from the RF output
power level. Spur values are (M × IF) + (N × LO). N/A means not
applicable.
IF input (IFIN) = 1 GHz, RF output (RFOUT) = 21 GHz at −10 dBm,
and LO = 20 GHz at +15 dBm.
N × LO
0
1
2
3
4
M × IF
0
N/A
5
3
3
3
1
55
0
41
11
11
2
89
46
61
50
51
3
89
73
63
65
65
4
87
74
60
65
65
IFIN = 1 GHz, RFOUT = 31 GHz at −10 dBm, and LO = 30 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × IF
0
N/A
1
8
8
8
1
55
0
18
18
18
2
88
46
56
46
56
3
90
68
66
67
66
4
89
69
63
65
64
IFIN = 1 GHz, RFOUT = 41 GHz at −10 dBm, and LO = 40 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × IF
0
N/A
N/A
N/A
N/A
N/A
1
56
0
N/A
N/A
N/A
2
84
48
48
48
48
3
87
62
63
64
64
4
86
62
64
61
62
IFIN = 1 GHz, RFOUT = 61 GHz at −10 dBm, and LO = 60 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × IF
0
N/A
N/A
N/A
N/A
N/A
1
54
0
N/A
N/A
N/A
2
68
46
47
46
46
3
85
39
39
39
40
4
85
59
62
61
62
Upconverter, Lower Sideband
Mixer spurious products are measured in dBc from the RF output
power level. Spur values are (M × IF) + (N × LO). N/A means not
applicable.
IF input (IFIN) = 1 GHz, RF output (RFOUT) = 19 GHz at −10 dBm,
and LO = 20 GHz at +15 dBm.
N × LO
0
1
2
3
4
M × IF
0
N/A
5
4
3
3
1
54
0
41
12
12
2
89
47
58
52
52
3
90
72
64
65
67
4
88
74
63
66
63
IFIN = 1 GHz, RFOUT = 29 GHz at −10 dBm, and LO = 30 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × IF
0
N/A
7
6
6
6
1
52
0
17
17
17
2
87
45
56
56
57
3
86
66
63
63
65
4
85
68
64
62
63
IFIN = 1 GHz, RFOUT = 39 GHz at −10 dBm, and LO = 40 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × IF
0
N/A
N/A
N/A
N/A
N/A
1
57
0
N/A
N/A
N/A
2
88
49
48
48
48
3
89
63
63
64
64
4
90
63
63
64
63
IFIN = 1 GHz, RFOUT = 59 GHz at −10 dBm, and LO = 60 GHz at
+15 dBm.
N × LO
0
1
2
3
4
M × IF
0
N/A
N/A
N/A
N/A
N/A
1
53
0
N/A
N/A
N/A
2
66
45
45
45
45
3
82
38
38
38
38
4
83
61
59
59
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com