Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL10H Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TL10H Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TL10H
Download  TL10H Download
File Size   445.23 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,200N (push)

TL10H Datasheet (PDF)

Go To PDF Page Download Datasheet
TL10H Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TL10H
Download  TL10H Click to download

File Size   445.23 Kbytes
Page   5 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 1,200N (push)

TL10H Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TL10H Product details

General Features
Max. load 1,200N (push)
Self-locking force 1,200N
Max. speed at max. load 19mm/s
Max. speed at no load 23mm/s
Retracted length Standard (compatible with foot): 590mm
Extended (compatible with shoe): 610mm
Dimension of outer tube 80*60mm, rectangular
Stages 3-stage
Stroke 650mm
Output signals Hall sensors
Voltage 24V DC
Color Black, white, grey, or special colors
With motor house




Similar Part No. - TL10H

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
logo
Transko Electronics, In...
TL10003AF TRANSKO-TL10003AF Datasheet
597Kb / 5P
100.0 MHz IF SAW Filter / 3.07 MHz Bandwidth
Revision 0: 26 Aug. 2008
logo
STMicroelectronics
TL1006 STMICROELECTRONICS-TL1006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL100NJ ETC-TL100NJ Datasheet
393Kb / 4P
TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
logo
E-SWITCH
TL1014 E-SWITCH-TL1014 Datasheet
158Kb / 1P
TACT SWITCHES SMT - SIDE MOUNT ACTUATED
More results


Similar Description - TL10H

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL12H TIMOTION-TL12H Datasheet
475Kb / 5P
Max. load 1,200N (push)
20221020-F
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
TL4H TIMOTION-TL4H Datasheet
419Kb / 5P
Max. load 1,200N (push)
20230726-A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com