Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet (PDF) - NXP Semiconductors

PCF8531 Datasheet PDF - NXP Semiconductors
Part # PCF8531
Download  PCF8531 Download
File Size   212.04 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 34 x 128 pixel matrix driver

PCF8531 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8531 Datasheet PDF - NXP Semiconductors

Part # PCF8531
Download  PCF8531 Click to download

File Size   212.04 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 34 x 128 pixel matrix driver

PCF8531 Datasheet (HTML) - NXP Semiconductors


PCF8531 Product details

GENERAL DESCRIPTION
The PCF8531 is a low power CMOS LCD row/column driver, designed to drive dot matrix graphic displays at multiplex rates of 1 : 17, 1 : 26 and 1 : 34. Furthermore, it can drive up to 128 icons. All necessary functions for the display are provided in a single chip, including on-chip generation of VLCD and the LCD bias voltages, resulting in a minimum of external components and low power consumption. The PCF8531 is compatible with most microcontrollers and communicates via a two-line bidirectional bus (I2C-bus). All inputs are CMOS compatible.
Remark: The icon mode is used to save current. When only icons are displayed, a much lower operating voltage (VLCD) can be used and the switching frequency of the LCD outputs is reduced. In most applications it is possible to use VDD as VLCD.

FEATURES
• Single-chip LCD controller/driver
• 34 row and 128 column outputs
• Display data RAM 34 × 128 bits
• 128 icons (last row is used for icons)
• Fast mode I2C-bus interface (400 kbit/s)
• Software selectable multiplex rates: 1 : 17, 1 : 26 and 1 : 34
• Icon mode with Mux rate 1 : 2:
   – Featuring reduced current consumption while displaying icons only.
• On-chip:
   – Generation of VLCD (external supply also possible)
   – Selectable linear temperature compensation
   – Oscillator requires no external components (external clock also possible)
   – Generation of intermediate LCD bias voltages
   – Power-on reset.
• No external components required
• Software selectable bias configuration
• Logic supply voltage range VDD1 to VSS1 1.8 to 5.5 V
• Supply voltage range for on-chip voltage generator VDD2 and VDD3 to VSS1 and VSS2 2.5 to 4.5 V
• Display supply voltage range VLCD to VSS:
   – Normal mode 4 to 9 V
   – Icon mode 3 to 9 V.
• Low power consumption, suitable for battery operated systems
• CMOS compatible inputs
• Manufactured in silicon gate CMOS process.

APPLICATIONS
• Telecommunication systems
• Automotive information systems
• Point-of-sale terminals
• Instrumentation.




Similar Part No. - PCF8531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8531 NXP-PCF8531 Datasheet
248Kb / 44P
34 x 128 pixel matrix driver
Rev. 04-13 June 2008
PCF8531 NXP-PCF8531 Datasheet
1Mb / 51P
34 x 128 pixel matrix driver
Rev. 05-10 August 2010
PCF8531 NXP-PCF8531 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
PCF8531 NXP-PCF8531 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8531U NXP-PCF8531U Datasheet
248Kb / 44P
34 x 128 pixel matrix driver
Rev. 04-13 June 2008
More results


Similar Description - PCF8531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8535 PHILIPS-PCF8535 Datasheet
1Mb / 52P
65 x 133 pixel matrix driver
1999 Aug 24
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
80 x 128 pixels matrix LCD driver
2004 May 17
logo
STMicroelectronics
STV8102 STMICROELECTRONICS-STV8102 Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
logo
NXP Semiconductors
PCF8531 NXP-PCF8531 Datasheet
248Kb / 44P
34 x 128 pixel matrix driver
Rev. 04-13 June 2008
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8531_1008 NXP-PCF8531_1008 Datasheet
1Mb / 51P
34 x 128 pixel matrix driver
Rev. 05-10 August 2010
PCF8531 NXP-PCF8531_11 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
logo
LUMEX INC.
LCM-X12864GXX-C LUMEX-LCM-X12864GXX-C Datasheet
98Kb / 2P
128 X 64 DOT MATRIX GRAPHIC MODULE
LCM-H240128GSN-1WC LUMEX-LCM-H240128GSN-1WC_17 Datasheet
143Kb / 2P
240 X 128 DOT MATRIX GRAPHIC MDD
LCM-S12864GSF LUMEX-LCM-S12864GSF_17 Datasheet
110Kb / 2P
128 X 64 DOT MATRIX GRAPHIC MODULE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com