Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 3Page - NXP Semiconductors PCF8531 Datasheet HTML 4Page - NXP Semiconductors PCF8531 Datasheet HTML 5Page - NXP Semiconductors PCF8531 Datasheet HTML 6Page - NXP Semiconductors PCF8531 Datasheet HTML 7Page - NXP Semiconductors PCF8531 Datasheet HTML 8Page - NXP Semiconductors PCF8531 Datasheet HTML 9Page - NXP Semiconductors PCF8531 Datasheet HTML 10Page - NXP Semiconductors PCF8531 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
2000 Feb 11
7
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
8
FUNCTIONAL DESCRIPTION
8.1
Oscillator
The on-chip oscillator provides the clock signal for the
display system. No external components are required and
the OSC input must be connected to VDD. An external
clock signal, if used, is connected to this input.
8.2
Power-on reset
The on-chip Power-on reset initializes the chip after
Power-on or power failure.
8.3
I2C-bus controller
The I2C-bus controller receives and executes the
commands. The PCF8531 acts as an I2C-bus slave
receiver and therefore cannot control bus communication.
8.4
Input filters
To enhance noise immunity in electrically adverse
environments, RC low-pass filters are provided on the
SDA and SCL lines.
8.5
Display data RAM
The PCF8531 contains a 34
× 128 bits static RAM, which
stores the display data. The RAM is divided into 6 banks of
128 bytes (6
× 8 × 128 bits). Bank 6 is used for icon data.
During RAM access, data is transferred to the RAM via the
I2C-bus interface. There is a direct correspondence
between the X address and column output number.
8.6
Timing generator
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not disturbed by operations on the data buses.
8.7
Address counter
The address counter sets the addresses of the display
data RAM for writing.
8.8
Display address counter
The display address counter generates the addresses for
read out of the display data.
8.9
Command decoder
The command decoder identifies command words that
arrive on the I2C-bus and determines the destination for
the following data bytes.
8.10
Bias voltage generator
The bias voltage generator generates four buffered
intermediate bias voltages. This block contains the
generator for the reference voltages and the four buffers.
This block can operate in two voltage ranges:
• Normal mode; 4.0 to 9.0 V
• Power save mode; 3.0 to 9.0 V.
8.11
VLCD generator
The VLCD voltage generator contains a configurable
2 to 5 times voltage multiplier; this is software
programmable.
8.12
Reset
The PCF8531 has the possibility of two reset modes,
internal Power-on reset or external reset (RES). The reset
mode is selected using the ENR signal. After a reset, the
chip has the following state:
• All row and column outputs are set to VSS (display off)
• RAM data is undefined
• Power-down mode.
8.13
Power-down
During power-down, all static currents are switched off (no
internal oscillator, no timing and no LCD segment drive
system), and all LCD outputs are internally connected to
VSS. The I2C-bus function remains operational.
8.14
Column driver outputs
The LCD drive section includes 128 column outputs
(C0 to C127) which should be connected directly to the
LCD. The column output signals are generated in
accordance with the multiplexed row signals and with the
data in the display latch. When less than 128 columns are
required, the unused column outputs should be left open
circuit.
8.15
Row driver outputs
The LCD drive section includes 34 row outputs
(R0 to R33), which should be connected directly to the
LCD. The row output signals are generated in accordance
with the selected LCD drive mode. If less than 34 rows or
lower Mux rates are required, the unused outputs must be
left open circuit. The row signals are interlaced i.e. the
selection order is R0, R2, ..., R1, R3 etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com