Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 24Page - NXP Semiconductors PCF8531 Datasheet HTML 25Page - NXP Semiconductors PCF8531 Datasheet HTML 26Page - NXP Semiconductors PCF8531 Datasheet HTML 27Page - NXP Semiconductors PCF8531 Datasheet HTML 28Page - NXP Semiconductors PCF8531 Datasheet HTML 29Page - NXP Semiconductors PCF8531 Datasheet HTML 30Page - NXP Semiconductors PCF8531 Datasheet HTML 31Page - NXP Semiconductors PCF8531 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
2000 Feb 11
28
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
21
0
0
0
0
0
1
1
1
HV-gen command page;
select high VLCD
programming range
(PRS = 1); voltage multiplier
off (HVE = 1)
22
1
0
0
0
0
0
0
0
control byte; Co = 1; RS = 0
23
1
0
1
0
0
0
0
0
HV-gen command page; set
VLCD = 7.71 V;
VOP[6:0] = 0100000
24
0
1
0
0
0
0
0
0
control byte; Co = 0; RS = 1
25
0
0
0
1
1
1
1
1
data write; Y and X are
initialized to 0 by default, so
they are not set here
26
0
0
0
0
0
1
0
1
data write
27
0
0
0
0
0
1
1
1
data write
28
0
0
0
0
0
0
0
0
data write
29
0
0
0
1
1
1
1
1
data write
30
0
0
0
0
0
1
0
0
data write
STEP
SERIAL BUS BYTE
DISPLAY
OPERATION
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MGS405
MGS406
MGS407
MGS407
MGS409
MGS410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com