Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 18Page - NXP Semiconductors PCF8531 Datasheet HTML 19Page - NXP Semiconductors PCF8531 Datasheet HTML 20Page - NXP Semiconductors PCF8531 Datasheet HTML 21Page - NXP Semiconductors PCF8531 Datasheet HTML 22Page - NXP Semiconductors PCF8531 Datasheet HTML 23Page - NXP Semiconductors PCF8531 Datasheet HTML 24Page - NXP Semiconductors PCF8531 Datasheet HTML 25Page - NXP Semiconductors PCF8531 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
2000 Feb 11
22
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
12 DC CHARACTERISTICS
VDD1 = 1.8 (1.9) to 5.5 V; VDD2 and VDD3 = 2.5 to 4.5 V; VSS1,2 =0V; VDD1 to VDD3 ≤ VLCD ≤ 9.0 V;
Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VLCD
LCD supply voltage
note 1
4.0
−
9.0
V
icon mode; note 1
3.0
−
9.0
V
VDD1
logic supply voltage
1.9
−
5.5
V
Tamb ≥−25 °C
1.8
−
5.5
V
VDD2, VDD3
multiplier supply voltage
LCD voltage internally
generated
2.5
−
4.5
V
IDD
supply current
Power-down mode; internal
VLCD
−
210
µA
normal mode; internal VLCD;
notes 2 and 3
−
170
350
µA
normal mode; external VLCD;
note 2
−
10
50
µA
ILCD
LCD input current
normal mode; external VLCD;
notes 2 and 4
−
25
100
µA
icon mode; external VLCD;
notes 2 and 5
−
15
70
µA
VPOR
Power-on reset level
note 6
0.9
1.2
1.6
V
Logic
VIL
LOW-level input voltage
VSS
−
0.3VDD V
VIH
HIGH-level input voltage
0.7VDD −
VDD
V
IOL
LOW-level output current (SDA)
VOL = 0.4 V; VDD = 5 V
3.0
−−
mA
ILI
input leakage current
VI =VDD or VSS
−1
−
+1
µA
Column and row outputs
Ro(col)
column output resistance
C0 to C127
note 7
−
12
20
k
Ω
Ro(row)
row output resistance R0 to R33
note 7
−
12
20
k
Ω
Vbias(col)
bias tolerance C0 to C127
−100
0
+100
mV
Vbias(row)
bias tolerance R0 to R33
−100
0
+100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com