Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8531 Datasheet HTML 1Page - NXP Semiconductors PCF8531 Datasheet HTML 2Page - NXP Semiconductors PCF8531 Datasheet HTML 3Page - NXP Semiconductors PCF8531 Datasheet HTML 4Page - NXP Semiconductors PCF8531 Datasheet HTML 5Page - NXP Semiconductors PCF8531 Datasheet HTML 6Page - NXP Semiconductors PCF8531 Datasheet HTML 7Page - NXP Semiconductors PCF8531 Datasheet HTML 8Page - NXP Semiconductors PCF8531 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
2000 Feb 11
3
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
1
FEATURES
• Single-chip LCD controller/driver
• 34 row and 128 column outputs
• Display data RAM 34 × 128 bits
• 128 icons (last row is used for icons)
• Fast mode I2C-bus interface (400 kbit/s)
• Software selectable multiplex rates: 1 : 17, 1 : 26
and1:34
• Icon mode with Mux rate 1 : 2:
– Featuring reduced current consumption while
displaying icons only.
• On-chip:
– Generation of VLCD (external supply also possible)
– Selectable linear temperature compensation
– Oscillator requires no external components (external
clock also possible)
– Generation of intermediate LCD bias voltages
– Power-on reset.
• No external components required
• Software selectable bias configuration
• Logic supply voltage range VDD1 to VSS1 1.8 to 5.5 V
• Supply voltage range for on-chip voltage generator VDD2
and VDD3 to VSS1 and VSS2 2.5 to 4.5 V
• Display supply voltage range VLCD to VSS:
– Normal mode 4 to 9 V
– Icon mode 3 to 9 V.
• Low power consumption, suitable for battery operated
systems
• CMOS compatible inputs
• Manufactured in silicon gate CMOS process.
2
APPLICATIONS
• Telecommunication systems
• Automotive information systems
• Point-of-sale terminals
• Instrumentation.
3
GENERAL DESCRIPTION
The PCF8531 is a low power CMOS LCD row/column
driver, designed to drive dot matrix graphic displays at
multiplex rates of 1 : 17, 1 : 26 and 1 : 34. Furthermore, it
can drive up to 128 icons. All necessary functions for the
display are provided in a single chip, including on-chip
generation of VLCD and the LCD bias voltages, resulting in
a minimum of external components and low power
consumption. The PCF8531 is compatible with most
microcontrollers and communicates via a two-line
bidirectional bus (I2C-bus). All inputs are CMOS
compatible.
Remark: The icon mode is used to save current. When
only icons are displayed, a much lower operating voltage
(VLCD) can be used and the switching frequency of the
LCD outputs is reduced. In most applications it is possible
to use VDD as VLCD.
4
PACKAGES
The PCF8531 is available as chip with bumps in tray.
5
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8531U/2
−
chip with bumps in tray
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com