Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 22Page - NXP Semiconductors PCF8531 Datasheet HTML 23Page - NXP Semiconductors PCF8531 Datasheet HTML 24Page - NXP Semiconductors PCF8531 Datasheet HTML 25Page - NXP Semiconductors PCF8531 Datasheet HTML 26Page - NXP Semiconductors PCF8531 Datasheet HTML 27Page - NXP Semiconductors PCF8531 Datasheet HTML 28Page - NXP Semiconductors PCF8531 Datasheet HTML 29Page - NXP Semiconductors PCF8531 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
2000 Feb 11
26
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
handbook, halfpage
−50
0
50
100
9
7
6
8
MGS479
TC0
TC1
TC6
TC7
VLCD
(V)
T (
°C)
Fig.20 Temperature coefficient.
VLCD = 7.5 V; VDD1 to VDD3 = 2.7 V; Tamb =27 °C; no VLCD load.
handbook, halfpage
246
10
30
10
0
20
MGS480
8
I
(
µA)
VLCD (V)
ILCD
IDD
Fig.21 IDD and ILCD with external VLCD.
VDD1 = 1.8 V; VDD2 and VDD3 = 2.5 V; external VLCD;
Tamb =27 °C; TC = 0; BS = 100; no VLCD load.
handbook, halfpage
020
40
80
30
10
0
20
MGS481
60
I
(
µA)
f (kHz)
ILCD
IDD
Fig.22 IDD and ILCD dependent from frequency.
VDD1 = 2.5 V; VDD2 and VDD3 = 2.5 V; external VLCD;
Tamb =27 °C; TC = 0; BS = 100; no VLCD load.
handbook, halfpage
3
86
82
84
80
78
3.2
4
MGS482
3.4
3.6
3.8
IDD
(
µA)
VLCD (V)
Fig.23 Internal VLCD, icon mode.
VDD1 = 1.8 V; VDD1 = 2.5 V; 2 × voltage multiplier;
Tamb =27 °C; TC = 0; BS = 111; no VLCD load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com