Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 13Page - NXP Semiconductors PCF8531 Datasheet HTML 14Page - NXP Semiconductors PCF8531 Datasheet HTML 15Page - NXP Semiconductors PCF8531 Datasheet HTML 16Page - NXP Semiconductors PCF8531 Datasheet HTML 17Page - NXP Semiconductors PCF8531 Datasheet HTML 18Page - NXP Semiconductors PCF8531 Datasheet HTML 19Page - NXP Semiconductors PCF8531 Datasheet HTML 20Page - NXP Semiconductors PCF8531 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
2000 Feb 11
17
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
Table 6
Explanations for symbols in Table 5
Note
1. The H-bits identify the command page (use set default H[1:0] command to set H[1:0] = 0.
BIT
0
1
PD
chip is active
chip is in Power-down mode
V
horizontal addressing
vertical addressing
IM
normal mode; full display + icons
icon mode; only icons are displayed
H[1:0](1)
see Table 7
D and E
see Table 7
HVE
voltage multiplier disabled
voltage multiplier enabled
PRS
VLCD programming range LOW
VLCD programming range HIGH
TC[2:0]
see Table 7
S[1:0]
see Table 7
Table 7
Description of bits H, D and E, TC and S
Table 8
Multiplex rates
BITS
VALUE
DESCRIPTION
Command page (H)
H[1:0]
00
function and RAM command page
01
display setting command page
10
HV-gen command page
Display modes (D, E)
D and E 00
display blank
10
normal mode
01
all display segments
11
inverse video mode
Temperature coefficient (TC)
TC[2:0]
000
temperature coefficient 0
001
temperature coefficient 1
010
temperature coefficient 2
011
temperature coefficient 3
100
temperature coefficient 4
101
temperature coefficient 5
110
temperature coefficient 6
111
temperature coefficient 7
Voltage multiplier factor (S)
S[1:0]
00
2
× voltage multiplier
01
3
× voltage multiplier
10
4
× voltage multiplier
11
5
× voltage multiplier
MUX RATE
M1
M0
1:17
0
0
1:26
1
0
1:34
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com