Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 32Page - NXP Semiconductors PCF8531 Datasheet HTML 33Page - NXP Semiconductors PCF8531 Datasheet HTML 34Page - NXP Semiconductors PCF8531 Datasheet HTML 35Page - NXP Semiconductors PCF8531 Datasheet HTML 36Page - NXP Semiconductors PCF8531 Datasheet HTML 37Page - NXP Semiconductors PCF8531 Datasheet HTML 38Page - NXP Semiconductors PCF8531 Datasheet HTML 39Page - NXP Semiconductors PCF8531 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
2000 Feb 11
36
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
Table 11 Bonding pads
Table 12 Alignment marks
R11
243
+5553.6
−821.7
R9
244
+5623.6
−821.7
R7
245
+5693.6
−821.7
R5
246
+5763.6
−821.7
R3
247
+5833.6
−821.7
R1
248
+5903.6
−821.7
PAD
SIZE
UNIT
Pad pitch
min. 70
µm
Pad size; Al
62
× 100
µm
Bump dimensions
50
× 90 × 17.5 (±5) µm
Wafer thickness (excluding
bumps)
381
µm
MARKS
x
y
C1
−5402.0
+823.1
C2
+5292.4
+823.4
F
+5890.3
+401.9
Circle 1
−5543.0
+798.4
Circle 2
+5637.4
+798.4
SYMBOL
PAD
x
y
handbook, halfpage
MGS487
x
y
12.23 mm
pitch
1.96
mm
PCF8531
Fig.26 Bonding pads.
handbook, full pagewidth
MGS490
x center
C
y center
100
µm
x center
circle
y center
100
µm
100
µm
100
µm
x center
F
y center
80
µm
Fig.27 Shapes of recognition pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com