Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 20Page - NXP Semiconductors PCF8531 Datasheet HTML 21Page - NXP Semiconductors PCF8531 Datasheet HTML 22Page - NXP Semiconductors PCF8531 Datasheet HTML 23Page - NXP Semiconductors PCF8531 Datasheet HTML 24Page - NXP Semiconductors PCF8531 Datasheet HTML 25Page - NXP Semiconductors PCF8531 Datasheet HTML 26Page - NXP Semiconductors PCF8531 Datasheet HTML 27Page - NXP Semiconductors PCF8531 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
2000 Feb 11
24
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
13 AC CHARACTERISTICS
VDD1 = 1.8 to 5.5 V; VDD2 and VDD3 = 2.5 to 4.5 V; VSS1 and VSS2 =0V; VDD1 to VDD3 ≤ VLCD ≤ 9.0 V;
Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. fframe =fclk(ext)/480; fOSC/480.
2. For tW(RESL) > 3 ns a reset may be generated.
3. All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to
VIL and VIH with an input voltage swing of VSS to VDD.
4. Cb = total capacitance of one bus line in pF.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fframe
LCD frame frequency (internal clock)
VDD = 3.0 V; note 1 40
66
135
Hz
fOSC
oscillator frequency (not available at any pin)
20
34
65
kHz
fclk(ext)
external clock frequency
20
−
65
kHz
tW(RESL)
reset LOW pulse width
note 2
300
−−
ns
tSU;RESL
reset LOW pulse set-up time after Power-on
−−
30
µs
Serial-bus interface; note 3
fSCL
SCL clock frequency
0
−
400
kHz
tSCLL
SCL clock LOW period
1.3
−−µs
tSCLH
SCL clock HIGH period
0.6
−−µs
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold time
0
−
0.9
µs
tr
SCL, SDA rise time
note 4
20 + 0.1Cb
−
300
ns
tf
SCL, SDA fall time
note 4
20 + 0.1Cb
−
300
ns
Cb
capacitive load represented by each bus line
−−
400
pF
tSU;STA
set-up time for a repeated START condition
0.6
−−µs
tHD;STA
start condition hold time
0.6
−−µs
tSU;STO
set-up time for STOP condition
0.6
−−µs
tSW
tolerable spike width on bus
−−
50
ns
tBUF
bus free time between a STOP and START
condition
1.3
−−µs
handbook, full pagewidth
MGS476
tW(RESL)
tSU;RESL
VIL
VDD
RES
Fig.16 Reset timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com