Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 12Page - NXP Semiconductors PCF8531 Datasheet HTML 13Page - NXP Semiconductors PCF8531 Datasheet HTML 14Page - NXP Semiconductors PCF8531 Datasheet HTML 15Page - NXP Semiconductors PCF8531 Datasheet HTML 16Page - NXP Semiconductors PCF8531 Datasheet HTML 17Page - NXP Semiconductors PCF8531 Datasheet HTML 18Page - NXP Semiconductors PCF8531 Datasheet HTML 19Page - NXP Semiconductors PCF8531 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
2000 Feb 11
16
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
Table 5
Instruction set
Note
1. R/W is set in the slave address byte; Co and RS are set in the control byte.
INSTRUCTION
I2C-BUS
COMMAND(1)
I2C-BUS COMMAND BYTE
DESCRIPTION
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
H1 and H0 = don’t care (H independent command page)
NOP
0
0
00000000
no operation
Write data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
write data to display RAM
Set default H[1:0]
0
0
0
0000001
select H[1:0] = 0
H1 = 0 and H0 = 0 (function and RAM command page)
Instruction set
0
0
0
00010
H1
H0
select command page
Function set
0
0
0
0100
PD
V
0
power-down control;
entry mode
Set Y address of
RAM
0
0
01000
Y2
Y1
Y0
set Y address of RAM;
0
≤ Y ≤ 5
Set X address of
RAM
00
1
X6
X5
X4
X3
X2
X1
X0
set X address part of
RAM; 0
≤ X ≤ 127
H1 = 0 and H0 = 1 (display setting command page)
Multiplex rate
0
0
0
00001
M1
M0
select multiplex rate
Display control
0
0
0
0001
D
IM
E
set display configuration
Bias system
0
0
0
0010
BS2
BS1
BS0 set Bias System (BSx)
H1 = 1 and H0 = 0 (HV-gen command page)
HV-gen control
0
0
0
00001
PRS HVE set VLCD programming
range
HV-gen
configuration
0
0
000010
S1
S0
set voltage multiplication
factor
Temperature control
0
0
0
0100
TC2
TC1
TC0 set temperature
coefficient
Test modes
0
0
0
1
X
XXXXX
do not use (reserved for
test)
VLCD control
0
0
1
VOP6 VOP5 VOP4 VOP3 VOP2 VOP1 VOP0 set VLCD register
0
≤ VOP ≤ 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com