Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 28Page - NXP Semiconductors PCF8531 Datasheet HTML 29Page - NXP Semiconductors PCF8531 Datasheet HTML 30Page - NXP Semiconductors PCF8531 Datasheet HTML 31Page - NXP Semiconductors PCF8531 Datasheet HTML 32Page - NXP Semiconductors PCF8531 Datasheet HTML 33Page - NXP Semiconductors PCF8531 Datasheet HTML 34Page - NXP Semiconductors PCF8531 Datasheet HTML 35Page - NXP Semiconductors PCF8531 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
2000 Feb 11
32
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
handbook, full pagewidth
MGS484
3
DISPLAY 34
× 128 PIXELS
VDD1
to
VDD3
I/O
VSS1
VSS2
Cext
Rsupply
RI/O
VLCD
PCF8531
128
17
17
Fig.25 Chip-on-glass application.
The required minimum values for the external capacitors in an application with the PCF8531 are as follows:
• Cext = 100 nF for VLCD and VSS1 and VSS2, and Cext = 470 nF for VDD1 to VDD3 and VSS1 and VSS2
• Higher capacitor values are recommended for ripple reduction
• For COG applications, the recommended ITO track resistance is to be minimized for the I/O and supply connections.
Optimized values for these tracks are below 50
Ω for the supply (Rsupply) and below 100 Ω for the I/O connections
(RI/O).
• To reduce the sensitivity of the reset to ESD/EMC disturbances for a chip-on-glass application, it is strongly
recommended to implement a series input resistance in the reset line (recommended minimum value 8 k
Ω) on the
glass (ITO). If the reset input is not used, it should be connected to VDD1 using a short connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com