Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8531 Datasheet HTML 1Page - NXP Semiconductors PCF8531 Datasheet HTML 2Page - NXP Semiconductors PCF8531 Datasheet HTML 3Page - NXP Semiconductors PCF8531 Datasheet HTML 4Page - NXP Semiconductors PCF8531 Datasheet HTML 5Page - NXP Semiconductors PCF8531 Datasheet HTML 6Page - NXP Semiconductors PCF8531 Datasheet HTML 7Page - NXP Semiconductors PCF8531 Datasheet HTML 8Page - NXP Semiconductors PCF8531 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
2000 Feb 11
5
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
7
PINNING
SYMBOL
PAD
DESCRIPTION
1 to 14
dummy pads
OSC
15
oscillator input; note 1
VLCDSENSE
16
voltage multiplier regulation input (VLCD); note 2
VLCDOUT
17 to 23
voltage multiplier output (VLCD); note 3
VLCDIN
24 to 30
LCD supply voltage (VLCD); note 2
RES
31
external reset input (active LOW); note 4
VDD3
32 to 34
supply voltage 3; note 5
VDD2
35 to 42
supply voltage 2; note 5
VDD1
43 to 49
supply voltage 1; note 5
SDA
50 and 51
serial data line input of the I2C-bus
SDACK
52
serial data acknowledge output; note 6
53
dummy pad
SA0
54
I2C-bus slave address input; bit 0
ENR
55
enable internal Power-on reset input; note 7
T4
56
test 4 input; note 8
VSS2
57 to 63
ground 2; note 9
VSS1
64 to 70
ground 1; note 9
T3
71
test 3 input; note 8
T1
72
test 1 input; note 8
SCL
73 and 74
serial clock line input of the I2C-bus
75 to 77
dummy pads
T2
78
test 2 output; note 10
79 to 86
dummy pads
R0
87
LCD row driver output
R2
88
LCD row driver output
R4
89
LCD row driver output
R6
90
LCD row driver output
R8
91
LCD row driver output
R10
92
LCD row driver output
R12
93
LCD row driver output
R14
94
LCD row driver output
R16
95
LCD row driver output
R18
96
LCD row driver output
R20
97
LCD row driver output
R22
98
LCD row driver output
R24
99
LCD row driver output
R26
100
LCD row driver output
R28
101
LCD row driver output
R30
102
LCD row driver output
R32
103
LCD row driver output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com