Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 19Page - NXP Semiconductors PCF8531 Datasheet HTML 20Page - NXP Semiconductors PCF8531 Datasheet HTML 21Page - NXP Semiconductors PCF8531 Datasheet HTML 22Page - NXP Semiconductors PCF8531 Datasheet HTML 23Page - NXP Semiconductors PCF8531 Datasheet HTML 24Page - NXP Semiconductors PCF8531 Datasheet HTML 25Page - NXP Semiconductors PCF8531 Datasheet HTML 26Page - NXP Semiconductors PCF8531 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
2000 Feb 11
23
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
Notes
1. As the programming range for the internally generated VLCD allows values above the maximum allowed VLCD, the
user has to ensure, while setting the VOP register and selecting the temperature compensation, that the VLCD limit of
maximum 9 V will never be exceeded under all conditions and including all tolerances.
2. LCD outputs are open circuit, inputs at VDD or VSS; bus inactive.
3. VDD1 to VDD3 = 2.85 V; VLCD = 7.0 V; voltage multiplier = 3 × VDD; fOSC = 34 kHz.
4. VDD1 to VDD3 = 2.75 V; VLCD = 9.0 V; fOSC = 34 kHz.
5. VDD1 to VDD3 = 2.75 V; VLCD = 3.5 V; fOSC = 34 kHz.
6. Resets all logic when VDD1 <VPOR.
7.
ILOAD≤ 50 µA; outputs tested one at a time.
8. VLCD ≤ 7.7 V.
VLCD generation
VLCD(tol)
LCD voltage tolerance, internal
VLCD
TC1 to TC7; note 8
−−±3.9
%
TC0
LCD voltage temperature
coefficient 0
Tamb = −20 to +70 °C
−
0
−
%/
°C
TC1
LCD voltage temperature
coefficient 1
Tamb = −20 to +70 °C
−−0.026 −
%/
°C
TC2
LCD voltage temperature
coefficient 2
Tamb = −20 to +70 °C
−−0.039 −
%/
°C
TC3
LCD voltage temperature
coefficient 3
Tamb = −20 to +70 °C
−−0.052 −
%/
°C
TC4
LCD voltage temperature
coefficient 4
Tamb = −20 to +70 °C
−−0.078 −
%/
°C
TC5
LCD voltage temperature
coefficient 5
Tamb = −20 to +70 °C
−−0.13
−
%/
°C
TC6
LCD voltage temperature
coefficient 6
Tamb = −20 to +70 °C
−−0.19
−
%/
°C
TC7
LCD voltage temperature
coefficient 7
Tamb = −20 to +70 °C
−−0.26
−
%/
°C
Tcut
cut point temperature
−
27
−°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com