Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet (PDF) - NXP Semiconductors

PCF8535 Datasheet PDF - NXP Semiconductors
Part # PCF8535
Download  PCF8535 Download
File Size   1765.3 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 65 x 133 pixel matrix driver

PCF8535 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8535 Datasheet PDF - NXP Semiconductors

Part # PCF8535
Download  PCF8535 Click to download

File Size   1765.3 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 65 x 133 pixel matrix driver

PCF8535 Datasheet (HTML) - NXP Semiconductors


PCF8535 Product details

GENERAL DESCRIPTION
The PCF8535 is a low power CMOS LCD row/column driver, designed to drive dot matrix graphic displays at multiplex rates of 1 : 17, 1 : 26, 1 : 34, 1 : 49 and 1 : 65. Furthermore, it can drive up to 133 icons. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD bias voltages, resulting in a minimum of external components and low power consumption. The PCF8535 is compatible with most microcontrollers and communicates via an industry standard two-line bidirectional I2C-bus serial interface. All inputs are CMOS compatible.

FEATURES
• Single-chip LCD controller/driver
• 65 row, 133 column outputs
• Display data RAM 65 × 133 bits
• 133 icons (last row is used for icons)
• Fast mode I2C-bus interface (400 kbits/s)
• Software selectable multiplex rates: 1 : 17, 1 : 26, 1 : 34, 1 : 49 and 1 : 65
• On-chip:
   – Generation of intermediate LCD bias voltages
   – Oscillator requires no external components (external clock also possible)
   – Generation of VLCD.
• CMOS compatible inputs
• Software selectable bias configuration
• Logic supply voltage range VDD1 to VSS1 4.5 to 5.5 V
• Supply voltage range for high voltage part VDD2 and VDD3 to VSS2 and VSS3 4.5 to 5.5 V
• Display supply voltage range VLCD to VSS:
   – Mux rate 1 : 65: 8 to 16 V.
• Low power consumption, suitable for battery operated systems
• Internal Power-on reset and/or external reset
• Temperature read back available
• Manufactured in N-well silicon gate CMOS process.

APPLICATIONS
• Automotive information systems
• Telecommunication systems
• Point-of-sale terminals
• Instrumentation.




Similar Part No. - PCF8535

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8531 PHILIPS-PCF8531 Datasheet
212Kb / 44P
34 x 128 pixel matrix driver
2000 Feb 11
PCF8531 NXP-PCF8531 Datasheet
248Kb / 44P
34 x 128 pixel matrix driver
Rev. 04-13 June 2008
PCF8531 NXP-PCF8531 Datasheet
1Mb / 51P
34 x 128 pixel matrix driver
Rev. 05-10 August 2010
PCF8531 NXP-PCF8531 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
PCF8531 NXP-PCF8531 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCF8535

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8531 PHILIPS-PCF8531 Datasheet
212Kb / 44P
34 x 128 pixel matrix driver
2000 Feb 11
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
65 x 102 pixels matrix LCD driver
2000 Nov 22
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
65 X 102 pixels matrix LCD driver
2001 Nov 14
logo
Sitronix Technology Co....
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8531 NXP-PCF8531 Datasheet
248Kb / 44P
34 x 128 pixel matrix driver
Rev. 04-13 June 2008
PCF8531_1008 NXP-PCF8531_1008 Datasheet
1Mb / 51P
34 x 128 pixel matrix driver
Rev. 05-10 August 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com