Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 5Page - NXP Semiconductors PCF8535 Datasheet HTML 6Page - NXP Semiconductors PCF8535 Datasheet HTML 7Page - NXP Semiconductors PCF8535 Datasheet HTML 8Page - NXP Semiconductors PCF8535 Datasheet HTML 9Page - NXP Semiconductors PCF8535 Datasheet HTML 10Page - NXP Semiconductors PCF8535 Datasheet HTML 11Page - NXP Semiconductors PCF8535 Datasheet HTML 12Page - NXP Semiconductors PCF8535 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
1999 Aug 24
9
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
7.1
Reset
The PCF8535 has two reset modes; internal Power-on
reset or external reset. Reset initiated from either the RES
pad or the internal Power-on reset block will initialize the
chip to the following starting condition:
• Power-down mode (PD = 1)
• Horizontal addressing (V = 0); no mirror X or Y
(MX = 0 and MY = 0)
• Display blank (D = 0 andE=0)
• Address counter X[6:0] = 0, Y[2:0] = 0 and XM0 =0
• Bias system BS[2:0] = 0
• Multiplex rate M[2:0] = 0 (Mux rate1:17)
• Temperature control mode TC[2:0] = 0
• HV-gen control, HVE = 0 the HV generator is switched
off, PRS = 0 and S[1:0] = 00
• VLCDOUT is equal to 0 V
• RAM data is unchanged (Note: RAM data is undefined
after power-up)
• All row and column outputs are set to VSS (display off)
• TRS and BRS are set to zero
• Direct mode is disabled (DM = 0)
• Internal oscillator is selected, but not running (EC = 0)
• Bias current set to low current mode (IB = 0).
7.2
Power-down
During power-down all static currents are switched off (no
internal oscillator, no timing and no LCD segment drive
system) and all LCD outputs are internally connected to
VSS. The serial bus function remains active.
7.3
LCD voltage selector
The practical value for VOP is determined by equating
Voff(rms) with defined LCD threshold voltage (Vth), typically
when the LCD exhibits approximately 10% contrast.
7.4
Oscillator
The internal logic operation and the multi-level drive
signals of the PCF8535 are clocked by the built-in RC
oscillator. No external components are required.
7.5
Timing
The timing of the PCF8535 organizes the internal data flow
of the device. The timing also generates the LCD frame
frequency which is derived from the clock frequency
generated in the internal clock generator.
7.6
Column driver outputs
The LCD drive section includes 133 column outputs
(C0 to C132) which should be connected directly to the
LCD. The column output signals are generated in
accordance with the multiplexed row signals and with the
data in the display latch. When less than 133 columns are
required the unused column outputs should be left
open-circuit.
7.7
Row driver outputs
The LCD drive section includes 65 row outputs
(R0 to R64) which should be connected directly to the
LCD. The row output signals are generated in accordance
with the selected LCD drive mode. If lower Mux rates or
less than 65 rows are required, the unused outputs should
be left open-circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com