Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 23Page - NXP Semiconductors PCF8535 Datasheet HTML 24Page - NXP Semiconductors PCF8535 Datasheet HTML 25Page - NXP Semiconductors PCF8535 Datasheet HTML 26Page - NXP Semiconductors PCF8535 Datasheet HTML 27Page - NXP Semiconductors PCF8535 Datasheet HTML 28Page - NXP Semiconductors PCF8535 Datasheet HTML 29Page - NXP Semiconductors PCF8535 Datasheet HTML 30Page - NXP Semiconductors PCF8535 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
1999 Aug 24
27
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
Note
1. R/W is set in the slave address.
H[2:0] = 110; display setting command page
Display control
0
0
0
0
0001D
E
sets display mode
External display
control
00
00001MX
MY
0
mirror X, mirror Y
Bias system
0
0
0
0
010BS2
BS1
BS0
set bias system
Display size
0
0
0
0
100IB
00
set current for bias system
Multiplex rate
0
0
1
0
000M2
M1
M0
set multiplex rate
H[2:0] = 101; HV-gen command page
HV-gen control
0
0
0
0
0001PRS HVE VLCD range, enable/disable
HV-gen
HV-gen stages
0
0
0
0
0010S1
S0
# of HV-gen voltage
multiplication
Temperature
coefficients
00
00010TC2
TC1
TC0
set temperature coefficient
Temperature
measurement
control
00
0010000SM
start temperature
measurement
VLCD control
0
0
1
VOP6 VOP5 VOP4 VOP3 VOP2 VOP1 VOP0 set VLCD register
0
≤ VLCD ≤ 127
H[2:0] = 011; special feature command page
State control
0
0
0
0
0001DOF DM
display off, direct mode
Oscillator setting
0
0
0
0
0010EC
0
enable/disable the internal
oscillator
COG/TCP
0
0
0
1
0
TRS
BRS 0
0
0
top row swap, bottom row
swap
INSTRUCTION
D/CR/W(1)
I2C-BUS COMMAND BYTE
I2C-BUS COMMANDS
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com