Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 21Page - NXP Semiconductors PCF8535 Datasheet HTML 22Page - NXP Semiconductors PCF8535 Datasheet HTML 23Page - NXP Semiconductors PCF8535 Datasheet HTML 24Page - NXP Semiconductors PCF8535 Datasheet HTML 25Page - NXP Semiconductors PCF8535 Datasheet HTML 26Page - NXP Semiconductors PCF8535 Datasheet HTML 27Page - NXP Semiconductors PCF8535 Datasheet HTML 28Page - NXP Semiconductors PCF8535 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
1999 Aug 24
25
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
7.16.2.5
Set X address
The X address is used as a pointer to the RAM for RAM
writing. The range of X is 0 to 127 (7FH) and may be
extended by the XM0 bit. The combined value of XM0 and
X address directly corresponds to the display column
number when MX = 0 and corresponds to the inverse
display column number when MX = 1; see Table 14.
Table 14 X address pointer
7.16.3
DISPLAY SETTING COMMAND PAGE
7.16.3.1
Display control
The D and E bits set the display mode as given in
Table 15.
Table 15 Display control
7.16.3.2
External display control
Mirror X and mirror Y have the effect of flipping the display
left to right or top to bottom respectively. MX works by
changing the order data that is written into the RAM.
As such, the effects of toggling MX will only be seen after
data is written into the RAM. MY works by reversing the
order that column data is accessed relative to the row
outputs. The effect of toggling MY will be seen
immediately. The behaviour of both of these bits is further
described in Section 7.15.
7.16.3.3
Bias system
BS[2:0] sets the bias system; see Section 7.10.
7.16.3.4
Display size
Physically large displays require stronger drivers. Bit IB
enables the user to select a stronger driving mode and
should be used if suitable display quality can not be
achieved with the default setting.
7.16.3.5
Multiplex rate
M[2:0] sets the multiplex rate; see Section 7.9.
7.16.4
HV-GEN COMMAND PAGE
7.16.4.1
HV-gen control
PRS
Programmable charge pump range select. This bit defines
whether the programmed voltage for VOP is in the low or
the high range. The behaviour of this bit is further
described in Section 7.13.
HVE
High voltage generator enable. When set to logic 0, the
charge pump is disabled. When set to logic 1, the charge
pump is enabled.
7.16.4.2
HV-gen stages
S[1:0] set the multiplication factor of the charge pump
ranging from times 2 to times 5. The behaviour of these
bits is further described in Section 7.14.
7.16.4.3
Temperature coefficients
TC[2:0] set the required temperature coefficient.
The behaviour of these bits is further described in
Section 7.12.
7.16.4.4
Temperature measurement control
The SM bit is used to initiate a temperature measurement.
The SM bit is automatically cleared at the end of the
measurement. The behaviour of this bit is further
described in Section 7.11.
7.16.4.5
VLCD control
VOP[6:0] sets the required operating voltage for the
display.
XM0, X[6:0]
ADDRESSED
COLUMN, MX = 0
ADDRESSED
COLUMN, MX = 1
0
C0
C132
1
C1
C131
2
C2
C130
3
C3
C129
::
:
129
C129
C3
130
C130
C2
131
C131
C1
132
C132
C0
D
E
MODE
0
0
display blank
1
0
normal mode
0
1
all display segments on
1
1
inverse video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com