Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 37Page - NXP Semiconductors PCF8535 Datasheet HTML 38Page - NXP Semiconductors PCF8535 Datasheet HTML 39Page - NXP Semiconductors PCF8535 Datasheet HTML 40Page - NXP Semiconductors PCF8535 Datasheet HTML 41Page - NXP Semiconductors PCF8535 Datasheet HTML 42Page - NXP Semiconductors PCF8535 Datasheet HTML 43Page - NXP Semiconductors PCF8535 Datasheet HTML 44Page - NXP Semiconductors PCF8535 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
1999 Aug 24
41
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
handbook, full pagewidth
MGS687
3
DISPLAY 65
× 133 PIXELS
VDD1
to
VDD3
I/O
VSS1,
VSS2
Cext
Rsupply
Rcommon
RI/O
VLCD
PCF8535
133
33
32
Fig.23 Application diagram (COG).
The required minimum value for the external capacitors in an application with the PCF8535 are:
Cext for VLCD, VSS1 and VSS2 = 100 nF (min.) (recommended 470 nF to 1 µF); Cext for VDD1 to VDD3, VSS1 and
VSS2 = 470 nF (recommended capacitor larger than the capacitor for VLCD, VSS1 and VSS2).
Higher capacitor values are recommended for ripple reduction.
For COG applications the recommended ITO track resistance is to be minimized for the I/O and supply connections.
Maximum values for supply tracks (Rsupply) are 120 Ω. Maximum values for the common resistance to the source,
(Rcommon) are 120 Ω. Higher track resistance reduces performance and increases current consumption.
Three I/O lines are required for the COG module; SDA, SCL and RES (optional). Other signals may be fixed on the
module to appropriate levels. RI/O should also be minimized. In particular, if the I2C-bus acknowledge or temperature
read back is required, the RI/O for the SDA line must be carefully considered in conjunction with the value of the external
pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com