Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 22Page - NXP Semiconductors PCF8535 Datasheet HTML 23Page - NXP Semiconductors PCF8535 Datasheet HTML 24Page - NXP Semiconductors PCF8535 Datasheet HTML 25Page - NXP Semiconductors PCF8535 Datasheet HTML 26Page - NXP Semiconductors PCF8535 Datasheet HTML 27Page - NXP Semiconductors PCF8535 Datasheet HTML 28Page - NXP Semiconductors PCF8535 Datasheet HTML 29Page - NXP Semiconductors PCF8535 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
1999 Aug 24
26
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
7.16.5
SPECIAL FEATURE COMMAND PAGE
7.16.5.1
State control
DM
Direct mode allows VLCDOUT to be sourced directly from
VDD2. This may be useful in systems where VDD is to be
used for VLCD.
DOF
Display off will turn off all internal analog circuitry that is not
required for temperature measurement.
As a consequence the display will be turned off. This
mode is only required if temperature measurements are
required whilst in power-down mode.
7.16.5.2
Oscillator setting
The internal oscillator may be disabled and the source
clock for the display derived from the OSC pad. It is
important to remember that LCDs are damaged by DC
voltages and that the clock, whether derived internally or
externally, should never be disabled whilst the display is
active. The internal oscillator is switched off during
power-down mode.
When using an external clock and disabling it during
power-down mode will further reduce the standby current.
If it is not possible to disable it externally then it is worth
noting that by selecting the internal clock, which is disabled
during power-down mode, the same effect may be
achieved.
7.16.5.3
COG/TCP
The chip may be mounted on either a glass, foil or tape
carrier package. For these applications, different
organizations of the row pads are required to negate the
necessity of routing under the device. The TRS and BRS
allow for this swapping. The behaviour of both of these bits
is further described in Section 7.15.
7.16.6
INSTRUCTION SET
Table 16 Instruction set
INSTRUCTION
D/CR/W(1)
I2C-BUS COMMAND BYTE
I2C-BUS COMMANDS
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
H[2:0] = XXX; RAM read/write command page
Write data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
writes data to display RAM
Read status
0
1
D7
D6
D5
D4
D3
D2
D1
D0
returns result of
temperature measurement
NOP
00
00000000no operation
Default H[2:0]
0
0
0
0
000001
jump to H[2:0] = 111
H[2:0] = 111; function and RAM command page
Command page
0
0
0
0
001H2
H1
H0
select command page
Function set
0
0
0
0
010PD
V
0power-down control, data
entry mode
RAM page
0
0
0
0
100XM0 0
0
set RAM page for X address
Set Y address of
RAM
00
0100Y3
Y2
Y1
Y0
sets Y address of RAM
0
≤ Y ≤ 8
Set X address of
RAM
00
1X6
X5
X4
X3
X2
X1
X0
sets X address of RAM
0
≤ X ≤ 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com