Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 17Page - NXP Semiconductors PCF8535 Datasheet HTML 18Page - NXP Semiconductors PCF8535 Datasheet HTML 19Page - NXP Semiconductors PCF8535 Datasheet HTML 20Page - NXP Semiconductors PCF8535 Datasheet HTML 21Page - NXP Semiconductors PCF8535 Datasheet HTML 22Page - NXP Semiconductors PCF8535 Datasheet HTML 23Page - NXP Semiconductors PCF8535 Datasheet HTML 24Page - NXP Semiconductors PCF8535 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
1999 Aug 24
21
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
7.15.2
OUTPUT ADDRESSING
The output addressing of the RAM is done automatically in accordance with the currently selected multiplex rate.
Normally the user would not need to make any alterations to the addressing. There are, however, circumstances
pertaining to various connectivity of the device on a glass that would benefit from some in-built functionality. Three modes
exist that enable the user to modify the output addressing, namely:
1. MY, mirror the Y axis. This mode effectively flips the display about the X axis, resulting in an upside down display.
The effect is observable immediately the bit is modified. This is useful if the device is to be mounted above the display
area instead of below.
2. Bottom Row Swap (BRS). This mode swaps the order of the rows on the bottom(1) edge of the chip. This is useful to
aide routing to the display when it is not possible to pass tracks under the device; a typical example would be in tape
carrier package. This mode is often used in conjunction with TRS.
3. Top Row Swap (TRS). As with BRS, but swaps the order of rows on the top(1) edge of the chip.
7.15.2.1
Mirror Y, MY
As described above, the Y axis is mirrored in the X axis.
(1) The top edge is defined as the edge containing the user interface connections. The bottom edge is the opposing edge.
handbook, full pagewidth
MGS679
..
Y axis
Y axis
R0
R1
R2
R3
R4
R5
R6
R7
R8
R55
R56
R57
R58
R59
R60
R61
R62
R63
R64
R64
MY = 0
MY = 1
Mirror
... icons ...
... icons ...
Fig.12 Mirror Y behaviour (Mux rate 1 : 65).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com