Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 33Page - NXP Semiconductors PCF8535 Datasheet HTML 34Page - NXP Semiconductors PCF8535 Datasheet HTML 35Page - NXP Semiconductors PCF8535 Datasheet HTML 36Page - NXP Semiconductors PCF8535 Datasheet HTML 37Page - NXP Semiconductors PCF8535 Datasheet HTML 38Page - NXP Semiconductors PCF8535 Datasheet HTML 39Page - NXP Semiconductors PCF8535 Datasheet HTML 40Page - NXP Semiconductors PCF8535 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
1999 Aug 24
37
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
13 APPLICATION INFORMATION
Table 21 Programming example for PCF8535
STEP
SERIAL BUS BYTE
DISPLAY(1)
OPERATION
1
START condition
BLANK
start
2
DB7
0
DB6
1
DB5
1
DB4
1
DB3
1
DB2
SA1
DB1
SA0
DB0
0
BLANK
slave address, R/W=0
3
DB7
0
DB6
0
DB5
0
DB4
0
DB3
0
DB2
0
DB1
0
DB0
0
BLANK
control byte, Co = 0, D/C=0
4
DB7
0
DB6
0
DB5
0
DB4
0
DB3
0
DB2
0
DB1
0
DB0
1
BLANK
H[2:0] independent command;
select function and RAM command
page H[1:0] = 111
5
DB7
0
DB6
0
DB5
0
DB4
1
DB3
0
DB2
0
DB1
0
DB0
0
BLANK
function and RAM command page;
PD = 0, V = 0
6
DB7
0
DB6
0
DB5
0
DB4
0
DB3
1
DB2
1
DB1
1
DB0
0
BLANK
function and RAM command page;
select display setting command
page H[1:0] = 110
7
DB7
0
DB6
0
DB5
0
DB4
1
DB3
0
DB2
0
DB1
1
DB0
0
BLANK
display setting command page; set
bias system to 1/9BS[2:0] = 010
8
DB7
0
DB6
0
DB5
0
DB4
0
DB3
0
DB2
1
DB1
1
DB0
0
BLANK
display setting command page; set
normal mode (D = 1, E = 0)
9
DB7
1
DB6
0
DB5
0
DB4
0
DB3
0
DB2
1
DB1
0
DB0
0
BLANK
select Mux rate 1 : 65
10
DB7
0
DB6
0
DB5
0
DB4
0
DB3
0
DB2
0
DB1
0
DB0
1
BLANK
H[2:0] independent command;
select function and RAM command
page H[1:0] = 111
11
DB7
0
DB6
0
DB5
0
DB4
0
DB3
1
DB2
1
DB1
0
DB0
1
BLANK
function and RAM command page;
select Hv-gen command page
H[1:0] = 101
12
DB7
0
DB6
0
DB5
0
DB4
0
DB3
1
DB2
0
DB1
0
DB0
1
BLANK
Hv-gen command page; select
voltage multiplication factor 3
S[1:0] = 01
13
DB7
0
DB6
0
DB5
0
DB4
1
DB3
0
DB2
0
DB1
1
DB0
0
BLANK
Hv-gen command page; select
temperature coefficient 2
TC[2:0] = 010
14
DB7
1
DB6
0
DB5
1
DB4
0
DB3
1
DB2
0
DB1
0
DB0
0
BLANK
Hv-gen command page; set
VLCD = 12.02 V;
VOP[6:0] = 0101000
15
DB7
0
DB6
0
DB5
0
DB4
0
DB3
0
DB2
1
DB1
1
DB0
1
BLANK
Hv-gen command page; select high
VLCD programming range
(PRS = 1), voltage multiplier on
(HVE = 1)
16
START condition
BLANK
repeat start
17
DB7
0
DB6
1
DB5
1
DB4
1
DB3
1
DB2
SA1
DB1
SA0
DB0
0
BLANK
slave address, R/W=0
18
DB7
0
DB6
1
DB5
0
DB4
0
DB3
0
DB2
0
DB1
0
DB0
0
BLANK
control byte, Co = 0, D/C=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com