Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 13Page - NXP Semiconductors PCF8535 Datasheet HTML 14Page - NXP Semiconductors PCF8535 Datasheet HTML 15Page - NXP Semiconductors PCF8535 Datasheet HTML 16Page - NXP Semiconductors PCF8535 Datasheet HTML 17Page - NXP Semiconductors PCF8535 Datasheet HTML 18Page - NXP Semiconductors PCF8535 Datasheet HTML 19Page - NXP Semiconductors PCF8535 Datasheet HTML 20Page - NXP Semiconductors PCF8535 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
1999 Aug 24
17
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
Two automated addressing modes are available; vertical
addressing (V = 1) and horizontal addressing (V = 0).
These modes change the way in which the
auto-incrementing of the address pointers is handled and
are independent of multiplex rate. The auto-incrementing
works in a way so as to aid filling of the entire RAM. It is
not a prerequisite of operation that the entire RAM is filled;
in lower multiplex modes not all of the RAM will be needed.
For these multiplex rates, use of horizontal addressing
mode (V = 0) is recommended.
Addressing the icon row is a special case as these RAM
locations are not automatically accessed. These locations
must be explicitly addressed by setting the Y address
pointer to 8.
The Y address pointer does not auto-increment when the
X address over or underflows, it stays set to 8. Writing
icon data is independent of the vertical and horizontal
addressing mode, but is effected by the mirror X bit as
described in Sections 7.15.1.2 and 7.15.1.3.
The addressing modes may be further modified by the
mirror X bit MX. This bit causes the data to be written into
the RAM from right to left instead of the normal left to right.
This effectively flips the display about the Y axis. The MX
bit affects the mode of writing into the RAM, changing the
MX bit after RAM data is written will not flip the display.
7.15.1.1
Vertical addressing: non-mirrored;
V = 1 and MX = 0
In the vertical addressing mode data is written top to
bottom and left to right. Here, the Y counter will
auto-increment from 0 to 7 and then wrap around to 0 (see
Fig.8). On each wrap over, the X counter will increment to
address the next column. When the X counter wraps over
from 127 to 0, the XM0 bit will be set. The last address
accessible is Y = 7, X = 4 and XM0 = 1; after this access
the counter will wrap around to Y = 0, X = 0 and XM0 =0.
handbook, full pagewidth
MGS675
byte number
byte order for
icon data
0
XM0 = 1
XM0 = 0
1
2
3
4
5
6
7
8
.. ..
.. ..
X address
icon data
Fig.8 Sequence of writing data bytes into the RAM with normal vertical addressing (V = 1 and MX = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com