Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 44Page - NXP Semiconductors PCF8535 Datasheet HTML 45Page - NXP Semiconductors PCF8535 Datasheet HTML 46Page - NXP Semiconductors PCF8535 Datasheet HTML 47Page - NXP Semiconductors PCF8535 Datasheet HTML 48Page - NXP Semiconductors PCF8535 Datasheet HTML 49Page - NXP Semiconductors PCF8535 Datasheet HTML 50Page - NXP Semiconductors PCF8535 Datasheet HTML 51Page - NXP Semiconductors PCF8535 Datasheet HTML 52Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
1999 Aug 24
49
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
16 TRAY INFORMATION
handbook, full pagewidth
MGS691
D
C
A
x
y
F
E
B
Fig.29 Tray details.
The dimensions are given in Table 25.
Table 25 Dimensions
handbook, halfpage
MGS692
Fig.30 Tray alignment.
The orientation of the IC in a pocket is indicated by the
position of the IC type name on the die surface with
respect to the chamfer on the upper left corner of the tray.
Refer to the bonding pad location diagram for the
orientating and position of the type name on the die
surface.
DIM.
DESCRIPTION
VALUE
A
pocket pitch in x direction
14.88 mm
B
pocket pitch in y direction
4.06 mm
C
pocket width in x direction
12.76 mm
D
pocket width in y direction
2.46 mm
E
tray width in x direction
50.8 mm
F
tray width in y direction
50.8 mm
x
number of pockets in x direction
3
y
number of pockets in y direction
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com