Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 9Page - NXP Semiconductors PCF8535 Datasheet HTML 10Page - NXP Semiconductors PCF8535 Datasheet HTML 11Page - NXP Semiconductors PCF8535 Datasheet HTML 12Page - NXP Semiconductors PCF8535 Datasheet HTML 13Page - NXP Semiconductors PCF8535 Datasheet HTML 14Page - NXP Semiconductors PCF8535 Datasheet HTML 15Page - NXP Semiconductors PCF8535 Datasheet HTML 16Page - NXP Semiconductors PCF8535 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
1999 Aug 24
13
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
handbook, halfpage
MGS473
T
VLCD
0
°C
Fig.4 VLCD as function of liquid crystal temperature (typical values).
Table 5
Selectable temperature coefficients
7.13
VOP
7.13.1
SET VOP VALUE
The voltage at the reference temperature can be
calculated as: [VLCD (T=Tcut)]
(4)
The operating voltage, VOP, can be set by software.
The generated voltage is dependent on the temperature,
programmed Temperature Coefficient (TC) and the
programmed voltage at the reference temperature (Tcut):
(5)
The values for Tcut, a and b are given in Table 6.
The maximum voltage that can be generated is dependent
on the voltage VDD2 and the display load current.
Two overlapping VOP ranges are selectable via the
command page “Hv-gen control”, see Fig.5.
The low range offers programming from 4.5 to 10.215 V,
with the high range from 10.215 to 15.93 V at the cut point
temperature, Tcut. Care must be taken, when using
temperature coefficients, that the programmed voltage
does not exceed the maximum allowed VLCD voltage,
see Chapter 10.
For a particular liquid, the optimum VLCD can be calculated
for a given multiplex rate. For a Mux rate of 1 : 65, the
optimum operating voltage of the liquid can be calculated
as:
(6)
where Vth is the threshold voltage of the liquid crystal
material used.
Table 6
Values for parameters of the HV generator
programming
TC[2]
TC[1]
TC[0]
TC VALUE
UNIT
000
0
1/
°C
001
−0.44 × 10−3
1/
°C
010
−1.10 × 10−3
1/
°C
011
−1.45 × 10−3
1/
°C
100
−1.91 × 10−3
1/
°C
101
−2.15 × 10−3
1/
°C
110
−2.32 × 10−3
1/
°C
111
−2.74 × 10−3
1/
°C
V
LCD
Tcut
()
aV
OP
b
×
+
()
=
V
LCD
aV
OP
b
×
+
()
1T
T
cut
() TC
×
()
+
()
×
=
SYMBOL
BITS
VALUE
UNIT
a
PRS = 0
4.5
V
PRS = 1
10.215
V
b
0.045
V
Tcut
27
°C
V
LCD
165
+
21
1
65
----------


×
---------------------------------------
V
th
×
6.85
V
th
×
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com