Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 20Page - NXP Semiconductors PCF8535 Datasheet HTML 21Page - NXP Semiconductors PCF8535 Datasheet HTML 22Page - NXP Semiconductors PCF8535 Datasheet HTML 23Page - NXP Semiconductors PCF8535 Datasheet HTML 24Page - NXP Semiconductors PCF8535 Datasheet HTML 25Page - NXP Semiconductors PCF8535 Datasheet HTML 26Page - NXP Semiconductors PCF8535 Datasheet HTML 27Page - NXP Semiconductors PCF8535 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
1999 Aug 24
24
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
7.16
Instruction set
Data accesses to the PCF8535 can be broken down into
two areas, those that define the operating mode of the
device and those that fill the display RAM; the distinction
being the D/C bit. When the D/C bit is at logic 0, the chip
will respond to instructions as defined in Table 16. When
the D/C bit is at logic 1, the chip will store data into the
RAM. Data may be written to the chip that is independent
to the presence of the display clock.
There are 4 instruction types. Those which:
1. Define PCF8535 functions such as display
configuration, etc.
2. Set internal RAM addresses
3. Perform data transfer with internal RAM
4. Others.
In normal use, category 3 instructions are the most
frequently used. To lessen the MPU program load,
automatic incrementing by one of the internal RAM
address pointers after each data write is implemented.
The instruction set is broken down into several pages,
each command page being individually addressed via the
H[2:0] bits.
7.16.1
RAM READ/WRITE COMMAND PAGE
This page is special in that it is accessible independently
of the H bits. This page is mainly used as a stepping stone
to other pages. Sending the ‘Default H[2:0]’ command will
cause an immediate step to the ‘Function and RAM
command page’ which will allow the H[2:0] bits to be set.
7.16.2
FUNCTION AND RAM COMMAND PAGE
7.16.2.1
Command page
Setting H[2:0] will move the user immediately to the
required command page. Pages not listed should not be
accessed as the behaviour is not defined.
7.16.2.2
Function set
PD
When PD = 1, the LCD driver is in power-down mode:
• All LCD outputs at VSS
• Oscillator off
• VLCDIN may be disconnected
• I2C-bus interface accesses are possible
• RAM contents are not cleared; RAM data can be written
• Register settings remain unchanged.
V
When V = 0, horizontal addressing is selected. When
V = 1, vertical addressing is selected. The behaviour is
described in Section 7.15.
7.16.2.3
RAM page
The XM0 bit extends the RAM into a second page. The bit
may be considered to be the Most Significant Bit (MSB) of
an 8-bit X address. The behaviour is described in
Section 7.15.
7.16.2.4
Set Y address
The Y address is used as a pointer to the RAM for RAM
writing. The range is 0 to 8. Each bank corresponds to a
set of 8 rows, the only exception being bank 8, which
contains the icon data and is only 1-bit deep; see Table 13.
Table 13 Y address pointer
Y[3]
Y[2]
Y[1]
Y[0]
BANK
ROWS
0000
bank 0
R0 to R7
0001
bank 1
R8 to R15
0010
bank 2
R16 to R23
0011
bank 3
R24 to R31
0100
bank 4
R32 to R39
0101
bank 5
R40 to R47
0110
bank 6
R48 to R55
0111
bank 7
R56 to R63
1000
bank 8
(icons)
R64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com