Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 27Page - NXP Semiconductors PCF8535 Datasheet HTML 28Page - NXP Semiconductors PCF8535 Datasheet HTML 29Page - NXP Semiconductors PCF8535 Datasheet HTML 30Page - NXP Semiconductors PCF8535 Datasheet HTML 31Page - NXP Semiconductors PCF8535 Datasheet HTML 32Page - NXP Semiconductors PCF8535 Datasheet HTML 33Page - NXP Semiconductors PCF8535 Datasheet HTML 34Page - NXP Semiconductors PCF8535 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
1999 Aug 24
31
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
7.17.2
I2C-BUS PROTOCOL
The PCF8535 is a slave receiver/transmitter. If data is to
be read from the device the SDAOUT pad must be
connected, otherwise SDAOUT is unused.
Before any data is transmitted on the I2C-bus, the device
which should respond is addressed. Four slave
addresses, 0111100, 0111101, 0111110 and 0111111 are
reserved for the PCF8535. The Least Significant Bits
(LSBs) of the slave address is set by connecting
SA1 and SA0 to either logic 0 (VSS) or logic 1 (VDD).
A sequence is initiated with a START condition (S) from
the I2C-bus master which is followed by the slave address.
All slaves with the corresponding address acknowledge in
parallel, all the others will ignore the I2C-bus transfer.
After the acknowledgement cycle of a write, a control byte
follows which defines the destination for the forthcoming
data byte and the mode for subsequent bytes. For a read,
the PCF8535 will immediately start to output the requested
data until a NOT acknowledge is transmitted by the
master. The sequence should be terminated by a STOP in
the event that no further access is required for the time
being, or by a RE-START, should further access be
required.
For ease of operation a continuation bit, Co, has been
included. This bit allows the user to set-up the chip
configuration and transmit RAM data in one access. A data
selection bit, D/C, defines the destination for data. These
bits are contained in the control byte. DB5 to DB0 should
be set to logic 0. These bits are reserved for future
expansion.
Table 19 Co and D/C definitions
An example of a write access is given in Fig.19. Here, multiple instruction data is sent, followed by multiple display bytes.
An example of a read access is given in Fig.20.
BIT
0/1
R/W
ACTION
Co
0
n.a.
last control byte to be sent: only a stream of data bytes are allowed to follow; this stream may
only be terminated by a STOP or RE-START condition
1
another control byte will follow the data byte unless a STOP or RE-START condition is received
D/C
0
0
data byte will be decoded and used to set up the device
1
data byte will return the contents of the currently selected status register
1
0
data byte will be stored in the display RAM
1
no provision for RAM read back is provided
Fig.19 Master transmits to slave receiver; write mode.
handbook, full pagewidth
MGS682
S 01111
S
A
0
S
A
1
0A
acknowledgement
from PCF8535
acknowledgement
from PCF8535
acknowledgement
from PCF8535
acknowledgement
from PCF8535
acknowledgement
from PCF8535
1
control byte
A
data byte
data byte
n
≥ 0 bytes
1 byte
slave address
MSB . . . . . . . . . . . LSB
2n
≥ 0 bytes
A
Co
update
data pointer
Co
R/W
0A
A P
D/C
D/C
control byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com