Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8535 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8535 Datasheet HTML 1Page - NXP Semiconductors PCF8535 Datasheet HTML 2Page - NXP Semiconductors PCF8535 Datasheet HTML 3Page - NXP Semiconductors PCF8535 Datasheet HTML 4Page - NXP Semiconductors PCF8535 Datasheet HTML 5Page - NXP Semiconductors PCF8535 Datasheet HTML 6Page - NXP Semiconductors PCF8535 Datasheet HTML 7Page - NXP Semiconductors PCF8535 Datasheet HTML 8Page - NXP Semiconductors PCF8535 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
1999 Aug 24
5
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
5.1
Block diagram functions
5.1.1
OSCILLATOR
The on-chip oscillator provides the display clock for the
system; it requires no external components. Alternatively,
an external display clock may be provided via the OSC
input. The OSC input must be connected to VDD1 or VSS1
when not in use. During power-down additional current
saving can be made if the external clock is disabled.
5.1.2
POWER-ON RESET
The on-chip Power-on reset initializes the chip after
power-on or power failure.
5.1.3
I2C-BUS CONTROLLER
The I2C-bus controller detects the I2C-bus protocol, slave
address, commands and display data bytes. It performs
the conversion of the data input (serial-to-parallel).
The PCF8535 acts as an I2C-bus slave and therefore
cannot initiate bus communication.
5.1.4
INPUT FILTERS
Input filters are provided to enhance noise immunity in
electrically adverse environments; RC low-pass filters are
provided on the SDA, SCL and RES lines.
5.1.5
DISPLAY DATA RAM
The PCF8535 contains a 65
× 133 bit static RAM which
stores the display data. The RAM is divided into 9 banks of
133 bytes. The last bank is used for icon data and is only
one bit deep. During RAM access, data is transferred to
the RAM via the I2C-bus interface. There is a direct
correspondence between the X address and the column
output number.
5.1.6
TIMING GENERATOR
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not disturbed by operations on the data bus.
5.1.7
ADDRESS COUNTER
The Address Counter (AC) sends addresses to the Display
Data RAM (DDRAM) for writing.
5.1.8
DISPLAY ADDRESS COUNTER
The display is generated by continuously shifting rows of
RAM data to the dot matrix LCD via the column outputs.
The display status (all dots on or off, normal or inverse
video) is set via the I2C-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com