Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet (PDF) - NXP Semiconductors

SC2000 Datasheet PDF - NXP Semiconductors
Part # SC2000
Download  SC2000 Download
File Size   221.05 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal Timeslot Interchange

SC2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2000 Datasheet PDF - NXP Semiconductors

Part # SC2000
Download  SC2000 Click to download

File Size   221.05 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal Timeslot Interchange

SC2000 Datasheet (HTML) - NXP Semiconductors


SC2000 Product details

OVERVIEW
The SC2000 is a custom VLSI circuit optimized for use in the call processing environment. The SC2000 provides a cost-effective means of implementing the interface between a high speed internal TDM bus and an external (expansion) TDM bus. Internal buffering allows the exchange of data between TDM buses of different speeds and architectures.

FEATURES
• Multi-time slot switching capability for N x 64K channels (N = 1 to 32).
• Architecture optimized for the call processing environment: SCSA TM, PEBTM, or MVIPTM compatible.
• Two software selectable expansion bus formats:
    • SCbusTM /ST-BUSTM
    • PEB
• Two software selectable local bus formats:
    • ST-BUS
    • PEB
• Enhanced input hysteresis threshold.
• 32 x 2048 channel switch
• Serial or parallel access to the SCbus.
• Internal support for SCbus clock fallback
• Built-in SCbus message bus interface
• Supports both Intel® and Motorola® processor interfaces
• 68-pin PLCC package
• 5v CMOS technology




Similar Part No. - SC2000

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2 MSYSTEM-SC200-11-M2 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/3 MSYSTEM-SC200-11-M2/3 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/300 MSYSTEM-SC200-11-M2/300 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200-11-M2/4 MSYSTEM-SC200-11-M2/4 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results


Similar Description - SC2000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC4000 PHILIPS-SC4000 Datasheet
179Kb / 52P
Universal Timeslot Interchange
2000 Sep 07
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Vitesse Semiconductor C...
VSC9182 VITESSE-VSC9182 Datasheet
110Kb / 2P
VSC9182 - 40G STS-1 Time Slot Interchange
logo
Integrated Device Techn...
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Motorola, Inc
MC145601 MOTOROLA-MC145601 Datasheet
45Kb / 1P
Time Slot interchange circuit
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com