Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 3Page - NXP Semiconductors SC2000 Datasheet HTML 4Page - NXP Semiconductors SC2000 Datasheet HTML 5Page - NXP Semiconductors SC2000 Datasheet HTML 6Page - NXP Semiconductors SC2000 Datasheet HTML 7Page - NXP Semiconductors SC2000 Datasheet HTML 8Page - NXP Semiconductors SC2000 Datasheet HTML 9Page - NXP Semiconductors SC2000 Datasheet HTML 10Page - NXP Semiconductors SC2000 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
2000 Sep 07
7
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
SD_4 or
L_SERT
I/O
I/O
67
Register bit C_4 = 0. SCbus Serial data stream 4.
Register bit C_4 = 1. PEB Local resource transmit serial data.
SD_5
I/O
1
Register bit C_4 = 0.
SCbus Serial data stream 5.
SD_6 or
CLKR
I/O
I/O
3
Register bit C_4 = 0. SCbus Serial data stream 6.
Register bit C_4 = 1. PEB Receive clock.
SD_7 or
FSYNCR
I/O
I/O
4
Register bit C_4 = 0. SCbus Serial data stream 7.
Register bit C_4 = 1. PEB Receive frame sync.
SD_8 or
MSYNCR
I/O
I/O
5
Register bit C_4 = 0. SCbus Serial data stream 8.
Register bit C_4 = 1. PEB Receive multi-frame sync.
SD_9 or
SERR
I/O
I/O
7
Register bit C_4 = 0. SCbus Serial data stream 9.
Register bit C_4 = 1. PEB Receive data stream.
SD_10
I/O
8
Register bit C_4 = 0.
SCbus Serial data stream 10.
SD_11
I/O
9
Register bit C_4 = 0.
SCbus Serial data stream 11.
SD_12
I/O
11
Register bit C_4 = 0.
SCbus Serial data stream 12.
SD_13
I/O
12
Register bit C_4 = 0.
SCbus Serial data stream 13.
SD_14
I/O
13
Register bit C_4 = 0.
SCbus Serial data stream 14.
SD_15
I/O
15
Register bit C_4 = 0.
SCbus Serial data stream 15.
MC
I/O
16
Register bit C_4 = 0.
SCbus Message Bus signal.
SO_CLK
O
41
Serial Output Clock.
Clock for local serial output data.
SI_CLK
O
40
Serial Input Clock.
Clock for local serial input data.
SO_FS
O
48
Serial Output Frame Sync.
Frame sync for local serial output data.
SI_FS
O
47
Serial Input Frame Sync.
Frame sync for local serial input data.
SO_MS
O
46
Serial Output Multi-frame Sync.
Multi-frame sync for local serial output data.
SI_MS
O
44
Serial Input Multi-frame Sync.
Multi-frame sync for local serial input data.
RXD
O
53
Receive Data. Message channel serial data output.
VDDO1 -
VDDO5
Power
2, 10, 25, 45, 60
I/O pad V
DD(+5 V).
VDDI1 -
VDDI3
Power
19, 34, 51
Core V
DD(+5 V).
VSSO1 -
VSSO7
Power
6, 14, 28, 42, 56,
64, 68
I/O pad VSS (GND).
VSSI1 -
VSSI3
Power
21, 36, 49
Core VSS (GND).
Pin Name
Input/Output
Pin Number
Pin Description
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com