Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 7Page - NXP Semiconductors SC2000 Datasheet HTML 8Page - NXP Semiconductors SC2000 Datasheet HTML 9Page - NXP Semiconductors SC2000 Datasheet HTML 10Page - NXP Semiconductors SC2000 Datasheet HTML 11Page - NXP Semiconductors SC2000 Datasheet HTML 12Page - NXP Semiconductors SC2000 Datasheet HTML 13Page - NXP Semiconductors SC2000 Datasheet HTML 14Page - NXP Semiconductors SC2000 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
2000 Sep 07
11
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Expansion Bus Data Sample
Position (C_16): When SCbus Mode is
selected (C_4 = 0) this bit determines
the location of the sampled point in the
bit cell. When this bit is cleared to 0,
sampling occurs at 50% of the bit width.
When this bit is set to 1, sampling occurs
at 75% of the bit width.
When PEB Mode is selected (C_4 = 1)
this bit has no effect, and data is always
sampled at the 50% point.
SCLKx2* must be present in order to
sample at the 75% point.
This bit is cleared on RESET.
Local Bus Data Sample Position
(C_17): When SCbus Mode is selected
(C_4 = 0) this bit determines the loca-
tion of the sample point in the bit cell.
When this bit is cleared to 0 sampling
occurs at 50% of the bit width. When
this bit is set to 1, sampling occurs at
75% of the bit width.
When PEB Mode is selected (C_4 = 1)
this bit has no effect, and data is always
sampled at the 50% point.
SCLKx2* must be present in order to
sample at the 75% point.
This bit is cleared on RESET.
SCbus Output Driver (C_18): When
SCbus Mode is selected (C_4 = 0), this
bit determines the SCbus output driver
type. When this bit is cleared to 0, the
output drivers are configured as tri-state
type. When this bit is set to 1 the output
drivers are configured as open collector
type.
When PEB Mode is selected (C_4 = 1)
this bit has no effect. PEB outputs are
always driven open collector.
All SCbus outputs are affected by this bit
with the exception of CLKFAIL and MC,
which are always driven open collector.
This bit is cleared on RESET.
SO Output Driver (C_19): This bit
determines the SO output driver type.
When this bit is cleared to 0 the output
drivers are configured as tri-state. When
this bit is set to 1 the output drivers are
configured as open collector.
When PEB Mode without switching
is selected (C_7, C_4 = 01) then SO is
always enabled.
This bit is cleared on RESET.
Local Bus Framing Format (C_20):
When SCbus Mode is selected
(C_4 = 0) this bit determines the local
bus framing format. When this bit is
cleared to 0 the local bus operates with
PEB conventional framing format.
When this bit is set to 1 the local bus op-
erates with ST-BUS framing format.
When PEB Mode is selected (C_4 = 1)
this bit has no effect.
With ST-BUS framing format selected,
SI_CLK is replaced by C4*, SI_FS by
F0*, and SI_MS by M0*. SO_CLK,
SO_FS and SO_MS are unaffected by
the status of this bit, and continue to
output PEB conventional framing.
SCLKx2* must be present, or SCLK
must be at least twice the local clock
(CLK_IN) frequency for ST-BUS fram-
ing format to be used.
This bit is cleared on RESET.
Message Channel TXD Select (C_21):
When SCbus Mode is selected
(C_4 = 0) this bit determines the
configuration of the TXD input. When
this bit is cleared to 0, the TXD input
is configured as a transparent buffer.
When this bit is set to 1 the TXD input
is configured as a latched buffer.
When PEB Mode is selected (C_4 = 1),
this bit has no effect. MC is not used in
PEB mode.
When a transparent buffer is selected
(C_21 = 0), the HDLC controller should
output TXD on the rising edge of
SO_CLK. When a latched buffer is
selected (C_21 = 1) the HDLC control-
ler should output TXD on the falling
edge of SO_CLK.
This bit is cleared on RESET.
SERT Mux (C_23, C_22): When PEB
Network Mode is selected, this two bit
field selects the source of data for the lo-
cal bus SO serial stream.
When SCbus Mode (C_7, C_6,
C_4 = xx0) or PEB Resource Mode
(C_7, C_6, C_4 = 001) are selected,
these bits have no effect.
Configuration Register 4 (03H)
CLKFAIL Latch (C_24): When SCbus
Mode is selected (C_4 = 0) this bit indi-
cates the status of the CLKFAIL latch.
0 ¡ CLKFAIL clear
1 ¡ CLKFAIL set
When PEB Mode is selected (C_4 = 1),
this bit is always clear.
ST-BUS Framing Format Replacements
PEB Conventional
ST-BUS
SI_CLK
C4*
SI_FS
F0*
SI_MS
M0*
PEB Data Source Stream
C_23, C_22
Data Source
00
L_SERT
01
(L_SERT* !L_TSX*)
+(SERT* L_TSX*)
Configuration Register 4
Bit
Function
0
C_24: CLKFAIL latch
1
C_25: CFSYNC latch
2
C_26: CLKFAIL latch Clear*
3
C_27: FSYNC latch Clear*
4
C_28: CLKFAIL polarity
5
C_29: INT Mask*
6
C_30: INT polarity
7
C_31: INT ouput driver
Note:
Bit 0 is the LSB of the Low Byte
Data Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com