Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 19Page - NXP Semiconductors SC2000 Datasheet HTML 20Page - NXP Semiconductors SC2000 Datasheet HTML 21Page - NXP Semiconductors SC2000 Datasheet HTML 22Page - NXP Semiconductors SC2000 Datasheet HTML 23Page - NXP Semiconductors SC2000 Datasheet HTML 24Page - NXP Semiconductors SC2000 Datasheet HTML 25Page - NXP Semiconductors SC2000 Datasheet HTML 26Page - NXP Semiconductors SC2000 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
2000 Sep 07
23
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Table 5.Local Bus Interface Timing — SCbus Mode (8.192 Mbps)
Symbol
Parameter
Min
Typ
Max
Unit
t1
SCLKx2* low time
30.5
ns
t2
SCLKx2* high time
30.5
ns
t3
SCLKx2* period
61
ns
t4
SCLK low time
61
ns
t5
SCLK high time
61
ns
t6
SCLK period
122
ns
t7
FSYNC* setup to SCLK
↑
0
ns
t8
FSYNC* hold from SCLK
↑
15
ns
t9
SI_CLK
↓ delay from SCLK ↑
40
ns
t10
SI_CLK
↑ delay from SCLK ↑
40
ns
t11
SO_CLK
↑ delay from SCLK ↑
40
ns
t12
SO_CLK
↓delay from SCLK ↑
40
ns
t13
SI_FS, SI_MS
↓ delay from SCLK↑
45
ns
t14
SI_FS, SI_MS
↑ delay from SCLK↑
45
ns
t15
SO_FS, SO_MS
↑ delay from SCLK↑
45
ns
t16
SO_FS, SO_MS
↓ delay from SCLK↑
45
ns
t17
SO float to valid delay from SCLK
↑
40
ns
t18
SO valid to valid delay from SCLK
↑
40
ns
t19
SO valid to float delay from SCLK
↑
25
ns
t20
SI setup to SCLK
↑(50% sample position)
0
ns
t21
SI hold from SCLK
↑(50% sample position)
25
ns
t22
SI setup to SCLK
↑(75% sample position)
0
ns
t23
SI hold from SCLK
↑(75% sample position)
25
ns
t24
SD_[15:0] float to valid delay from SCLK
↑
35
ns
t25
SD_[15:0] valid to valid delay from SCLK
↑
35
ns
t26
SD_[15:0] valid to float delay from SCLK
↑
25
ns
t27
SD_[15:0] setup to SCLK
↓ (50% sample)
0
ns
t28
SD_[15:0] hold from SCLK
↓(50% sample)
25
ns
t29
SD_[15:0] setup to SCLKx2*
↑ (75% sample)
0
ns
t30
SD_[15:0] hold from SCLKx2*
↑ (75% sample)
25
ns
t31
TXD setup to SCLK
↑(registered MC)
0
ns
t32
TXD hold from SCLK
↑(registered MC)
25
ns
t33
MC delay from SCLK
↑ (registered MC)
85
ns
t34
MC delay from TXD (passed through MC)
80
ns
t35
RXD delay from MC
35
ns
Notes:
1. Timing measured with 100 pF load on all Local Bus outputs, 200 pF load on all SCbus outputs.
2. MC timing measured with 200 pF, 470
Ω pullup (4.7 K Ω/10). Open collector low to high transitions include 61 ns delay from hi-Z to 2.4 V.
3. SI_CLK, SI_FS and SI_MS shown in ST-BUS framing format. When in PEB conventional framing format SI_CLK, SI_FS and SI_MS have
identical timing to SO_CLK, SO_FS and SO_MS.
4. SO shown configured as tri-state driver.
5. SO_MS, SI_MS are free-running multi-frame synchronization signals that occur once every 16 frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com