Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 15Page - NXP Semiconductors SC2000 Datasheet HTML 16Page - NXP Semiconductors SC2000 Datasheet HTML 17Page - NXP Semiconductors SC2000 Datasheet HTML 18Page - NXP Semiconductors SC2000 Datasheet HTML 19Page - NXP Semiconductors SC2000 Datasheet HTML 20Page - NXP Semiconductors SC2000 Datasheet HTML 21Page - NXP Semiconductors SC2000 Datasheet HTML 22Page - NXP Semiconductors SC2000 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
2000 Sep 07
19
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Table 3. Local Bus Interface Timing — SCbus Mode (2.048 Mbps)
Symbol
Parameter
Min
Typ
Max
Unit
t1
SCLKx2* low time
122
ns
t2
SCLKx2* high time
122
ns
t3
SCLKx2* period
244
ns
t4
SCLK low time
244
ns
t5
SCLK high time
244
ns
t6
SCLK period
488
ns
t7
FSYNC* setup to SCLK
0
ns
t8
FSYNC* hold from SCLK
15
ns
t9
SI_CLK
↓delay from SCLKx2*↓
40
ns
t10
SI_CLK
↑delay from SCLKx2*↑
40
ns
t11
SO_CLK
↑delay from SCLK↑
40
ns
t12
SO_CLK
↓delay from SCLK↓
40
ns
t13
SI_FS, SI_MS
↓delay from SCLKx2*↑
45
ns
t14
SI_FS, SI_MS
↑delay from SCLKx2*↑
45
ns
t15
SO_FS, SO_MS
↑delay from SCLK↑
45
ns
t16
SO_FS, SO_MS
↓delay from SCLK↑
45
ns
t17
SO float to valid delay from SCLK
40
ns
t18
SO valid to valid delay from SCLK
40
ns
t19
SO valid to float delay from SCLK
25
ns
t20
SI setup to SCLK
↓(50% sample position)
0
ns
t21
SI hold from SCLK
↓(50% sample position)
25
ns
t22
SI setup to SCLKx2*
↑(75% sample position)
0
ns
t23
SI hold from SCLKx2*
↑(75% sample position)
25
ns
t24
SD_[15:0] float to valid delay from SCLK
35
ns
t25
SD_[15:0] valid to valid delay from SCLK
35
ns
t26
SD_[15:0] valid to float delay from SCLK
25
ns
t27
SD_[15:0] setup to SCLK
↓(50% sample)
0
ns
t28
SD_[15:0] hold from SCLK
↓(50% sample)
25
ns
t29
SD_[15:0] setup to SCLKx2*
↑(75% sample)
0
ns
t30
SD_[15:0] hold from SCLKx2*
↑(75% sample)
25
ns
t31
TXD setup to SCLK
↑(registered MC)
0
ns
t32
TXD hold from SCLK
↑(registered MC)
25
ns
t33
MC delay from SCLK
↑ (registered MC)
85
ns
t34
MC delay from TXD (passed through MC
80
ns
t35
RXD delay from MC
35
ns
Notes:
1. Timing measured with 100 pF load on all Local Bus outputs, 200 pF load on all SCbus outputs.
2. MC timing measured with 200 pF, 470
Ωpullup (4.7 K Ω/10). Open collector low to high transitions include 61 ns delay from hi-Z to 2.4 V.
3. SI_CLK, SI_FS and SI_MS shown in ST-BUS framing format. When in PEB conventional framing format SI_CLK, SI_FS and SI_MS have
identical timing to SO_CLK, SO_FS and SO_MS.
4. SO shown configured as tri-state driver.
5. SO_MS, SI_MS are free-running multi-frame synchronization signals that occur once every 16 frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com