Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 13Page - NXP Semiconductors SC2000 Datasheet HTML 14Page - NXP Semiconductors SC2000 Datasheet HTML 15Page - NXP Semiconductors SC2000 Datasheet HTML 16Page - NXP Semiconductors SC2000 Datasheet HTML 17Page - NXP Semiconductors SC2000 Datasheet HTML 18Page - NXP Semiconductors SC2000 Datasheet HTML 19Page - NXP Semiconductors SC2000 Datasheet HTML 20Page - NXP Semiconductors SC2000 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
2000 Sep 07
17
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Figure 2. Microprocessor Interface Timing — Motorola Bus Mode
Table 2. Microprocessor Interface Timing — Motorola Bus Mode
Symbol
Parameter
Min
Typ
Max
Unit
t1
CS* setup to STRB*
30
ns
t2
CS* hold from STRB*
20
ns
t3
STRB* pulse width
30
ns
t4
STRB* hold from CS*
10
ns
t5
R/W* setup to STRB*
10
ns
t6
R/W* hold from STRB*
10
ns
t7
A_[1:0] setup to STRB*
30
ns
t8
A_[1:0] hold from STRB*
20
ns
t9
D_[7:0] setup to STRB*
30
ns
t10
D_[7:0] hold from STRB*
t11
STRB* hold from CS*
10
ns
t12
R/W*setup to STRB*
10
ns
t13
R/W*hold from STRB*
10
ns
t14
D_[7:0] valid delay from CS*
40
ns
t15
D_[7:0] valid delay from STRB*
40
ns
t16
D_[7:0] valid delay from A_[1:0]
40
ns
t17
D_[7:0] float delay from CS *
25
ns
t18
D_[7:0] float delay from STRB*
25
ns
Note:
1. Timing measured with 100 pF load on D_[7:0].
t1
t2
t3
t4
t11
t5
t6
t12
t13
t7
t8
t9
t10
t14
t15
t16
t17
t18
CS*
STRB*
R/W*
A_[1:0]
D_[7:0]
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com