Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 11Page - NXP Semiconductors SC2000 Datasheet HTML 12Page - NXP Semiconductors SC2000 Datasheet HTML 13Page - NXP Semiconductors SC2000 Datasheet HTML 14Page - NXP Semiconductors SC2000 Datasheet HTML 15Page - NXP Semiconductors SC2000 Datasheet HTML 16Page - NXP Semiconductors SC2000 Datasheet HTML 17Page - NXP Semiconductors SC2000 Datasheet HTML 18Page - NXP Semiconductors SC2000 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
2000 Sep 07
15
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Recommended DC Operating Conditions
DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Minimum
Maximum
Unit
TS
Storage temperature
-65
150
°C
VI
Input voltage
-0.5
7
V
PD
Package power dissipation
1
W
Note:
1. Voltages are with respect to ground (VSS) unless otherwise stated.
Symbol
Parameter
Test Conditions
Minimum
Maximum
Unit
TA
Ambient temperature
0
70
°C
VDD
Supply voltage
4.75
5.25
V
Note:
1. Voltages are with respect to ground (V SS) unless otherwise stated.
Symbol
Parameter
Test Conditions
Minimum
Maximum
Unit
I DD
Supply (voltage) current
100
mA
V IH
Input high voltage
2.0
VDD+0.5
V
V IL
Input low voltage
-0.5
1.0
V
VHYS
Input hysteresis voltage
±0.4
V
I LI
Input leakage current
VI= VDD or VSS
±10
µA
C I
Input capacitance
7
pF
V OH1
Output high voltage (1)
I OH = -24 mA
2.4
V
V OL1
Output low voltage (1)
I OL= 24 mA
0.4
V
V OH2
Output high voltage (2)
I OH= -4 mA
2.4
V
V OL2
Output low voltage (2)
IOL = 4 mA
0.4
V
I LO
Output leakage current
VO= VDD or VSS
±10
µA
C IO
Output or I/O capacitance
7
pF
Notes:
1. VOH1, VOL1apply to Expansion Bus Interface (SCbus/PEB) signals.
2. VOH2, VOL2 apply to all other signals.
3. Voltages are with respect to ground (VSS) unless otherwise stated.
4. Input hysteresis voltage: indicates that when the input is interpreted as high (2.0 volts), it will be interpreted "high" until the input is dropped below 1.6
volts. Likewise, a low input will be interpreted as "low" until the input goes above 1.4 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com