Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 4 Page - NXP Semiconductors

  SC2000 Datasheet HTML 1Page - NXP Semiconductors SC2000 Datasheet HTML 2Page - NXP Semiconductors SC2000 Datasheet HTML 3Page - NXP Semiconductors SC2000 Datasheet HTML 4Page - NXP Semiconductors SC2000 Datasheet HTML 5Page - NXP Semiconductors SC2000 Datasheet HTML 6Page - NXP Semiconductors SC2000 Datasheet HTML 7Page - NXP Semiconductors SC2000 Datasheet HTML 8Page - NXP Semiconductors SC2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
2000 Sep 07
4
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
OVERVIEW
The SC2000 is a custom VLSI circuit
optimized for use in the call processing
environment. The SC2000 provides a
cost-effective means of implementing
the interface between a high speed
internal TDM bus and an external
(expansion) TDM bus. Internal buffer-
ing allows the exchange of data between
TDM buses of different speeds and
architectures.
The SC2000 supports two external bus
formats; SCbus/ST-BUS and PEB,
and two internal bus formats; SCbus/
ST-BUS and PEB. It is compatible with
SCSA, PEB, or MVIP requirements.
SCbus operation is also compatible
with the Siemens PCM Highway.
The switching function and operational
configurations of the SC2000 are fully
software programmable. The processor
bus interface is pin configured, allowing
ease of use with a wide variety of indus-
try-standard CPUs.
DESCRIPTION
The primary function of the SC2000 is
to exchange digital data between the
time slot on the local bus and the time
slot on the expansion bus . A micropro-
cessor interface allows the host CPU to
define the time slots and serial streams
between which the data is exchanged.
SCbus/ST-BUS Mode
In SCbus mode the serial streams of the
external bus can be programmed to
operate at 2.048 Mbps, 4.096 Mbps or
8.192 Mbps. The local bus will always
operate at 2.048 Mbps.
The local-to-external bus switch con-
nection is defined by the contents of the
destination routing memory. There are
32 destination routing memory loca-
tions, one corresponding to each time
slot of the local bus. The data stored in
the destination routing memory selects
the time slot and serial stream of the ex-
pansion bus to which the local bus input
(SI) will be connected.
The external-to-local bus switch con-
nection is defined by the contents of the
source routing memory. There are 32
source routing memory locations, one
corresponding to each time slot of the
local bus. The data stored in the source
routing memory selects the time slot and
serial stream to which the local bus out-
put (SO) will be connected.
Writing data into the routing memories
is synchronized with the SCbus timing
so that routing data is only changed on
frame boundaries.
All serial data is buffered in holding reg-
isters. The entire contents of the holding
register are transferred to the output
registers on frame boundaries. This
architecture introduces a constant
one-frame delay through the switch.
This constant delay allows bundled
time slots to be switched.
PEB Mode
In PEB mode the serial streams of the
external bus and the local bus may be
selected to run at either 1.544 Mbps
or 2.048 Mbps.
When PEB mode is selected, one of four
PEB configurations may be used:
1. PEB resource mode, without
switching.
2. PEB network mode, without
switching.
3. PEB resource mode, with switching.
4. PEB network mode, with switching.
When switching is not selected the serial
data is simply buffered between the local
bus and the PEB. This maintains the
data position relative to the multi-frame
sync and allows robbed-bit or CAS
signals to propagate transparently.
When switching is selected the serial
data is transferred between the local and
PEB buses via the switching matrix. The
one-frame delay that occurs requires
that robbed-bit or CAS signals be
handled specially.
The advantages of modes with
switching are:
• Timing delays between the local and
PEB bus are decoupled by the switch
matrix
• The local bus can access all PEB data
lines (SERR, SERT, and L_SERT)
• SO can be set to high impedance
on frame boundaries, allowing a
bi-directional local bus to be
implemented
Non-switching modes are the only con-
figurations that support an interface
to an asynchronous PEB.
CPU Data Switching
In addition to switching local bus serial
data to and from the external bus, the
SC2000 also allows the CPU to write
data directly to the external bus. The
chip provides a frame-sync generated
interrupt which enables a group of
time slots to be accessed from the
same frame.
Internal Bus Data Switching
The Source Routing Memory Local
Connect Enable selects the switching
of data from any SI time slot to any SO
time slot. This operation introduces a
constant two-frame delay, as the data
passes through the switch twice.
Loopback Mode
The SCbus Loopback Mode electrically
isolates the SC2000 from the external
bus but still allows access to the local
bus. This mode is intended for isolating
the board from the external bus while
diagnostic tests are being run. A
CLK_IN source is required for this
mode. The recommended CLK_IN
frequencies are 2.048 MHz, 4.096
MHz, 8.192 MHz, 16.384 MHz, or
32.768 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com