Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 10Page - NXP Semiconductors SC2000 Datasheet HTML 11Page - NXP Semiconductors SC2000 Datasheet HTML 12Page - NXP Semiconductors SC2000 Datasheet HTML 13Page - NXP Semiconductors SC2000 Datasheet HTML 14Page - NXP Semiconductors SC2000 Datasheet HTML 15Page - NXP Semiconductors SC2000 Datasheet HTML 16Page - NXP Semiconductors SC2000 Datasheet HTML 17Page - NXP Semiconductors SC2000 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
2000 Sep 07
14
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
SR_11 is the MSB of this field.
Local Connect Enable (SR_14): This bit
controls the internal connection time
slots on the local bus. When this bit is
cleared to 0 Local Connect is disabled.
When this bit is set to 1 Local Connect is
enabled and a time slot on the local SI
bus will be connected internally to a
time slot on the local SO bus.
When Local Connect is enabled the
Source Routing Memory Time slot
Select bits (SR_0 .. SR_6) select the
destination time slot on the local SO
bus. The contents of the Port Select
field (SR_8 .. SR_11) are ignored.
Switch Output Enable (SR_15): When
this bit is cleared to 0 the local SO bus
drivers are forced to the high impedance
state during the specified time slot pe-
riod. When this bit is set to 1 the local
SO bus drivers drive the bus during the
specified time slot period.
Destination Parallel Access Registers
(C0H .. DFH): If Parallel Access and
Switch Output are enabled, the device
CPU can write data to the expansion bus
via these SC2000 registers. The write
mapping is controlled by the Destina-
tion Routing Memory. The contents of
the selected Parallel Access Register will
replace the contents of the local SI bus
time slot that would otherwise have
been transferred to the expansion bus.
Source Parallel Access Registers
( E0H .. FFH): The Source Parallel
Access Registers are continually loaded
with the data being written to the corre-
sponding local SO bus time slot, irre-
spective of the status of the Parallel
Access Enable or Switch Output Enable
bits. If Local Connect is enabled this
data will originate from the local SI bus.
Source Routing Memory MSB
Bit
Function
0
1
2
3
SR_8: Port Select 0
SR_9: Port Select 1
SR_10: Port Select 2
SR_11: Port Select 3
4
SR_12: Reserved
5
SR_13: Reserved
6
SR_14: Local Connect Enable
7
SR_15: Switch Output Enable
Note:
Bit 0 is the LSB of the High Byte
Data Register.
PEB Mode Source Data Stream
SR_11..SR_8
Source PEB Stream
0H
SERT Mux
1H
SERR
2H
R_SERT
3H
SERT
4H
.
.
FH
Reserved
.
.
Reserved
Destination Parallel Access Regs
IAR
SI Destination
C0H
Channel 0
C1H
Channel 1
C2H
Channel 2
.
.
.
.
DFH
Channel 31
Note:
IAR = Internal Address Register con-
tents. Channel N is equivalent to time
slot N on the local SI bus.
Source Parallel Access Regs
IAR
SO Destination
E0H
Channel 0
E1H
Channel 1
E2H
Channel 2
.
.
.
.
FFH
Channel 31
Note:
IAR = Internal Address Register con-
tents. Channel N is equivalent to time
slot N on the local SO bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com