Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 25Page - NXP Semiconductors SC2000 Datasheet HTML 26Page - NXP Semiconductors SC2000 Datasheet HTML 27Page - NXP Semiconductors SC2000 Datasheet HTML 28Page - NXP Semiconductors SC2000 Datasheet HTML 29Page - NXP Semiconductors SC2000 Datasheet HTML 30Page - NXP Semiconductors SC2000 Datasheet HTML 31Page - NXP Semiconductors SC2000 Datasheet HTML 32Page - NXP Semiconductors SC2000 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
2000 Sep 07
29
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Table 8. Local Bus Interface Timing — PEB Resource Module With Switching
Symbol
Parameter
Min
Typ
Max
Unit
t1a
CLKR high time (1.544 Mbps)
323
ns
t1b
CLKR high time (2.048 Mbps)
244
ns
t2a
CLKR low time (1.544 Mbps)
323
ns
t2b
CLKR low time (2.048 Mbps)
244
ns
t3a
CLKR period (1.544 Mbps)
647
ns
t3b
CLKR period (2.048 Mbps)
488
ns
t4
SO_CLK, SI_CLK
↑ delay from CLKR ↑
35
ns
t5
SO_CLK, SI_CLK
↓ delay from CLKR ↓
35
ns
t6
FSYNCR setup to CLKR
5
ns
t7
FSYNCR hold from CLKR
15
ns
t8
SO_FS, SI_FS
↑delay from FSYNCR ↑
35
ns
t9
SO_FS, SI_FS
↓delay from FSYNCR ↓
35
ns
t10
SO_MS
↑ delay from MSYNCR↑
35
ns
t11
SO_MS
↓ delay from MSYNCR ↓
35
ns
t12
SI_MS
↑ delay from L_MSYNCT↑
35
ns
t13
SI_MS
↓ delay from L_MSYNCT↓
35
ns
t14
SO float to valid delay from CLKR
40
ns
t15
SO valid to valid delay from CLKR
40
ns
t16
SO valid to float delay from CLKR
25
ns
t17
SI setup to CLKR
0
ns
t18
SI hold from CLKR
25
ns
t19
SER enable delay from CLKR
70
ns
t20
SER valid delay from CLKR
70
ns
t21
SER disable delay from CLKR
70
ns
t22
SER setup to CLKR
0
ns
t23
SER hold from CLKR
25
ns
t24
TSX*
↓ delay from CLKR↑
35
ns
t25
TSX*
↑ delay from CLKR↑
70
ns
t26
TSX* setup to CLKR
0
ns
t27
TSX* hold from CLKR
25
ns
Notes:
1. Timing measured with 100 pF load on all Local Bus outputs, 200 pF 220/330
Ω termination on all PEB outputs. Open collector low to high transitions
include 43 ns delay from hi-Z to 2.4 V.
2. SER = L_SERT, SERR, R_SERT, SERT.
3. TSX* = L_TSX*, R_TSX*.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com