Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC2000 Datasheet HTML 1Page - NXP Semiconductors SC2000 Datasheet HTML 2Page - NXP Semiconductors SC2000 Datasheet HTML 3Page - NXP Semiconductors SC2000 Datasheet HTML 4Page - NXP Semiconductors SC2000 Datasheet HTML 5Page - NXP Semiconductors SC2000 Datasheet HTML 6Page - NXP Semiconductors SC2000 Datasheet HTML 7Page - NXP Semiconductors SC2000 Datasheet HTML 8Page - NXP Semiconductors SC2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
2000 Sep 07
3
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
FEATURES
• Multi-time slot switching capability
for N x 64K channels (N = 1 to 32).
• Architecture optimized for the call
processing environment: SCSATM,
PEBTM, or MVIPTM compatible.
• Two software selectable expansion
bus formats:
• SCbusTM /ST-BUSTM
• PEB
• Two software selectable local bus
formats:
• ST-BUS
• PEB
• Enhanced input hysteresis threshold.
• 32 x 2048 channel switch
• Serial or parallel access to the SCbus.
• Internal support for SCbus clock
fallback
• Built-in SCbus message bus
interface
• Supports both Intel® and Motorola®
processor interfaces
• 68-pin PLCC package
• 5v CMOS technology
0.995 [25.27]
0.985 [25.02]
0.800 [20.32] REF
0.995 [25.27]
0.985 [25.02]
0.800 [20.32]
REF
0.048 [1.22]
0.042 [1.07]
PIN 1
INDEX
0.130 [3.30]
0.090 [2.29]
0.056 [1.42]
0.042 [1.07]
0.200 [5.08]
0.165 [4.19]
CLKFAIL&
MC bus
Configuration
registers
Parallel
Access
Registers
Routing
Memory
Switch
Matrix
Timing
Local
Bus
Interface
Micro-
processor
Interface
Expansion
Bus
Interface
MC Rx data
MC Tx data
Microprocessor Bus
SI
SO
Clock in
Clock Out
CLKFAIL
MC
Expansion Serial Bus
Expansion Clock Out
Block Diagram
Package Mechanical Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com