Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 5 Page - NXP Semiconductors

  SC2000 Datasheet HTML 1Page - NXP Semiconductors SC2000 Datasheet HTML 2Page - NXP Semiconductors SC2000 Datasheet HTML 3Page - NXP Semiconductors SC2000 Datasheet HTML 4Page - NXP Semiconductors SC2000 Datasheet HTML 5Page - NXP Semiconductors SC2000 Datasheet HTML 6Page - NXP Semiconductors SC2000 Datasheet HTML 7Page - NXP Semiconductors SC2000 Datasheet HTML 8Page - NXP Semiconductors SC2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
2000 Sep 07
5
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
Additional Features
The SO output may be set to high im-
pedance on frame boundaries by setting
the Source Routing Memory Switch
Output Enable Bit. This allows outputs
from multiple devices to be connected
to a common line. The SO signal may
also be configured as an open collector
output.
The data sample position of both local
and external buses is selectable between
50% and 75% of the bit width.
Logical and Physical Pinout Diagrams
SC2000
D_7
D_6
D_5
D_4
D_3
D_2
D_1
D_0
A_1
A_0
CS*
RD*(STRB*)
WR*(R/W*)
RESET
I*(M)
PLCC68
INT
(CLKT) SCLKX2*
(FSYNCT) SCLK
(MSYNCT) RSRVD
(SERT) FSYNC*
(SIGT) CLKFAIL
(L_CLKT) SD_0
(L_FSYNCT) SD_1
(L_MSYNCT) SD_2
(L_TSX*) SD_3
(L_SERT) SD_4
(L_SIGT) SD_5
(CLKR) SD_6
(FSYNCR) SD_7
(MSYNCR) SD_8
(SERR) SD_9
(SIGR) SD_10
(R_CLKT) SD_11
(R_FSYNCT) SD_12
(R_MSYNCT) SD_13
(R_TSX*) SD_14
(R_SERT) SD_15
(R_SIGT) MC
SO_CLK
SI_CLK
SO_FS
SI_FS
SO_MS
SI_MS
SO
RXD
35
55
57
58
59
61
62
63
65
66
67
1
3
4
5
7
8
9
11
12
13
15
16
41
40
48
47
46
44
43
53
24
26
27
29
30
31
32
33
37
38
23
22
20
18
17
50
52
39
54
CLK_IN
SYNC_IN
SI
TXD
18
17
16
15
14
13
12
11
10
26
25
24
23
22
21
20
19
52
53
54
55
56
57
58
59
60
44
45
46
47
48
49
50
51
SYNC_IN
RXD
TXD
SCLKX2*
SCLK
RSRVD
FSYNC*
SI_MS
SO_MS
SI_FS
SO_FS
CLK_IN
RESET
I*
MC
SD_15
SD_14
SD_13
SD_12
D_6
D_7
CS*
RD*
WR*
SC2000
68-PIN PLCC
(TOP VIEW)
Physical Pinout
Logical Pin Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com