Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2000 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC2000
Description  Universal Timeslot Interchange
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC2000 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC2000 Datasheet HTML 2Page - NXP Semiconductors SC2000 Datasheet HTML 3Page - NXP Semiconductors SC2000 Datasheet HTML 4Page - NXP Semiconductors SC2000 Datasheet HTML 5Page - NXP Semiconductors SC2000 Datasheet HTML 6Page - NXP Semiconductors SC2000 Datasheet HTML 7Page - NXP Semiconductors SC2000 Datasheet HTML 8Page - NXP Semiconductors SC2000 Datasheet HTML 9Page - NXP Semiconductors SC2000 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
2000 Sep 07
6
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC2000
PIN DESCRIPTION
Pin Name
Input/Output
Pin Number
Pin Description
D_0 - D_7
I/O
33, 32, 31, 30,
29, 27, 26, 24
Data bus.
These bi-directional, tri-state lines are the SC2000s interface to the CPU data bus.
A_0, A_1
I
38, 37
Address bus. These inputs select the internal register used by a read or write operation. Normally connected to CPU address lines
A0 and A1 in 8-bit CPU systems, or A1 and A2 in 16-bit CPU systems.
CS*
I
23
Chip Select. This active low input selects the chip for a read or write operation.
I*
I
17
Bus Interface Mode Select. This input selects Intel- and Motorola-type data bus interface configurations.
0 = Intel. 1 = Motorola.
RD*
or
STRB*
I
I
22
I* = 0. Read
This active low input enables the data bus drivers to drive the CPU data bus with the contents of the internal register selected by
A_0 and A_1.
I* = 1. Strobe
During a read operation a low on this input enables the data bus drivers to drive the CPU data bus with the contents of the internal
register selected by A_0 and A_1. During a write operation data is transferred from the CPU data bus to the register selected b y
A_0 and A_1 on a low to high transition of this signal.
WR*
or
R/W*
I
I
20
I* = 0. Write
During a write operation data is transferred from the CPU data bus to the register selected by A_0 and A_1 on a low to high
transition of this signal.
I* = 1. Read/Write
This input selects between a write operation (R/W* = 0) and a read operation (R/W* =1).
RESET
I
18
Reset.
This active high input forces all outputs to tri-state, and resets the SC2000 chip.
CLK_IN
I
50
Local clock input.
SYNC_IN
I
52
Local sync input.
SI
I
39
Serial input.
Local serial bus data input line.
SO
O
43
Serial output.
Local serial bus data output line.
TXD
I
54
Transmit data
SCbus Message Bus transmit data input line.
INT
O
35
Interrupt Request.
Active high interrupt request output line.
SCLKx2* or
CLKT
I/O
I
55
Register bit C_4 = 0. SCbus System clock x 2.
Register bit C_4 = 1. PEB Transmit clock.
SCLK or
FSYNCT
I/O
I
57
Register bit C_4 = 0. SCbus System clock.
Register bit C_4 = 1. PEB Frame sync.
RSRVD or
MSYNCT
I
I
58
Register bit C_4 = 0. SCbus Reserved.
Register bit C_4 = 1. PEB Transmit multi-frame sync.
FSYNC* or
SERT
I/O
I
59
Register bit C_4 = 0. SCbus Frame sync.
Register bit C_4 = 1. PEB Transmit serial data.
CLKFAIL
I/O
61
Register bit C_4 = 0.
SCbus Clock fail signal.
SD_0 or
L_CLKT
I/O
I/O
62
Register bit C_4 = 0. SCbus Serial data stream 0.
Register bit C_4 = 1. PEB Local resource transmit clock.
SD_1 or
L_FSYNCT
I/O
I/O
63
Register bit C_4 = 0. SCbus Serial data stream 1.
Register bit C_4 = 1. PEB Local resource transmit frame sync.
SD_2 or
L_MSYNCT
I/O
I/O
65
Register bit C_4 = 0. SCbus Serial data stream 2.
Register bit C_4 = 1. PEB Local resource multi-frame sync.
SD_3 or
L_TSX*
I/O
I/O
66
Register bit C_4 = 0. SCbus Serial data stream 3.
Register bit C_4 = 1. PEB Local resource transmit time slot enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com